Electronic Components Datasheet Search
  English  ▼

X  

SP9842 Datasheet(PDF) 32 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 32 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 24Page - Sipex Corporation SP9842 Datasheet HTML 25Page - Sipex Corporation SP9842 Datasheet HTML 26Page - Sipex Corporation SP9842 Datasheet HTML 27Page - Sipex Corporation SP9842 Datasheet HTML 28Page - Sipex Corporation SP9842 Datasheet HTML 29Page - Sipex Corporation SP9842 Datasheet HTML 30Page - Sipex Corporation SP9842 Datasheet HTML 31Page - Sipex Corporation SP9842 Datasheet HTML 32Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
298
ORDERING INFORMATION
Model
Reference Inputs
Temperature Range
Package
SP9841KN ................................... Eight, independent ................................................... 0
° to + 70°C .............................. 24–pin, 0.3" Plastic DIP
SP9841KS ................................... Eight, independent ................................................... 0
° to + 70°C ........................................ 24–pin, 0.3" SOIC
SP9842KS ................................... Four pair ................................................................... 0
° to + 70°C ........................................ 20–pin, 0.3" SOIC
SP9841BN ................................... Eight, independent ............................................... –40
° to + 85°C .............................. 24–pin Plastic, 0.3" DIP
SP9841BS ................................... Eight, independent ............................................... –40
° to + 85°C ........................................ 24–pin, 0.3" SOIC
SP9842BS ................................... Four pair ............................................................... –40
° to + 85°C ........................................ 20–pin, 0.3" SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com