Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9361BBCZ Datasheet HTML 1Page - Analog Devices AD9361BBCZ Datasheet HTML 2Page - Analog Devices AD9361BBCZ Datasheet HTML 3Page - Analog Devices AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD9361
Rev. F | Page 3 of 36
SPECIFICATIONS
Electrical characteristics at VDD_GPO = 3.3 V, VDD_INTERFACE = 1.8 V, and all other VDDx pins = 1.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
RECEIVERS, GENERAL
Center Frequency
70
6000
MHz
Gain
Minimum
0
dB
Maximum
74.5
dB
At 800 MHz
73.0
dB
At 2300 MHz (RX1A, RX2A)
72.0
dB
At 2300 MHz (RX1B,
RX1C, RX2B, RX2C)
65.5
dB
At 5500 MHz (RX1A, RX2A)
Gain Step
1
dB
Received Signal Strength
Indicator
RSSI
Range
100
dB
Accuracy
±2
dB
RECEIVERS, 800 MHz
Noise Figure
NF
2
dB
Maximum RX gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−18
dBm
Maximum RX gain
Second-Order Input
Intermodulation Intercept Point
IIP2
40
dBm
Maximum RX gain
Local Oscillator (LO) Leakage
−122
dBm
At RX front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
19.2 MHz reference clock
Input S11
−10
dB
RX1 to RX2 Isolation
RX1A to RX2A, RX1C to RX2C
70
dB
RX1B to RX2B
55
dB
RX2 to RX1 Isolation
RX2A to RX1A, RX2C to RX1C
70
dB
RX2B to RX1B
55
dB
RECEIVERS, 2.4 GHz
Noise Figure
NF
3
dB
Maximum RX gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−14
dBm
Maximum RX gain
Second-Order Input
Intermodulation Intercept Point
IIP2
45
dBm
Maximum RX gain
LO Leakage
−110
dBm
At receiver front-end
input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
40 MHz reference clock
Input S11
−10
dB
RX1 to RX2 Isolation
RX1A to RX2A, RX1C to RX2C
65
dB
RX1B to RX2B
50
dB
RX2 to RX1 Isolation
RX2A to RX1A, RX2C to RX1C
65
dB
RX2B to RX1B
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com