Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices AD9361BBCZ Datasheet HTML 10Page - Analog Devices AD9361BBCZ Datasheet HTML 11Page - Analog Devices AD9361BBCZ Datasheet HTML 12Page - Analog Devices AD9361BBCZ Datasheet HTML 13Page - Analog Devices AD9361BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 10 of 36
CURRENT CONSUMPTION—VDDD1P3_DIG AND VDDAx (COMBINATION OF ALL 1.3 V SUPPLIES)
Table 5. 800 MHz, TDD Mode
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1RX
5 MHz Bandwidth
180
mA
Continuous RX
10 MHz Bandwidth
210
mA
Continuous RX
20 MHz Bandwidth
260
mA
Continuous RX
2RX
5 MHz Bandwidth
265
mA
Continuous RX
10 MHz Bandwidth
315
mA
Continuous RX
20 MHz Bandwidth
405
mA
Continuous RX
1TX
5 MHz Bandwidth
7 dBm
340
mA
Continuous TX
−27 dBm
190
mA
Continuous TX
10 MHz Bandwidth
7 dBm
360
mA
Continuous TX
−27 dBm
220
mA
Continuous TX
20 MHz Bandwidth
7 dBm
400
mA
Continuous TX
−27 dBm
250
mA
Continuous TX
2TX
5 MHz Bandwidth
7 dBm
550
mA
Continuous TX
−27 dBm
260
mA
Continuous TX
10 MHz Bandwidth
7 dBm
600
mA
Continuous TX
−27 dBm
310
mA
Continuous TX
20 MHz Bandwidth
7 dBm
660
mA
Continuous TX
−27 dBm
370
mA
Continuous TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com