Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices AD9361BBCZ Datasheet HTML 20Page - Analog Devices AD9361BBCZ Datasheet HTML 21Page - Analog Devices AD9361BBCZ Datasheet HTML 22Page - Analog Devices AD9361BBCZ Datasheet HTML 23Page - Analog Devices AD9361BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 20 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
800 MHz FREQUENCY BAND
Figure 3. RX Noise Figure vs. RF Frequency
Figure 4. RSSI Error vs. RX Input Power, LTE 10 MHz Modulation
(Referenced to −50 dBm Input Power at 800 MHz)
Figure 5. RSSI Error vs. RX Input Power, Edge Modulation
(Referenced to −50 dBm Input Power at 800 MHz)
Figure 6. RX EVM vs. RX Input Power, 64 QAM LTE 10 MHz Mode,
19.2 MHz REF_CLK
Figure 7. RX EVM vs. RX Input Power, GSM Mode, 30.72 MHz REF_CLK
(Doubled Internally for RF Synthesizer)
Figure 8. RX EVM vs. Interferer Power Level, LTE 10 MHz Signal of Interest with
PIN = −82 dBm, 5 MHz OFDM Blocker at 7.5 MHz Offset
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
700
750
800
850
900
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
4
5
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
–
110 –100
–
90
–
80
–
70
–
60
–
50
–
40
–
30
–
20
–
10
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–30
–25
–20
–15
–10
–5
0
–
72
–
68
–
64
–
60
–
56
–
52
–
48
–
44
–
40
–
36
–
32
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com