Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 14Page - Analog Devices AD9361BBCZ Datasheet HTML 15Page - Analog Devices AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices AD9361BBCZ Datasheet HTML 20Page - Analog Devices AD9361BBCZ Datasheet HTML 21Page - Analog Devices AD9361BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 18 of 36
Pin No.
Type1
Mnemonic
Description
F2
I
VDDA1P3_RX_VCO_LDO
Receive VCO LDO 1.3 V Supply Input. Connect to E2.
F8
I/O
P0_D10/TX_D5_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D10, it functions as part of the 12-bit bidirectional parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D5_N) can function as part of the LVDS
6-bit TX differential input bus with internal LVDS termination.
F10, G10
I
FB_CLK_P, FB_CLK_N
Feedback Clock. These pins receive the FB_CLK signal that clocks in TX data.
In CMOS mode, use FB_CLK_P as the input and tie FB_CLK_N to ground.
F12
I
VDDD1P3_DIG
1.3 V Digital Supply Input.
G1
I
RX_EXT_LO_IN
External Receive LO Input. If this pin is unused, tie it to ground.
G2
O
RX_VCO_LDO_OUT
Receive VCO LDO Output. Connect this pin directly to G3 and a 1 µF bypass
capacitor in series with a 1 Ω resistor to ground.
G3
I
VDDA1P1_RX_VCO
Receive VCO Supply Input. Connect this pin directly to G2 only.
G5
I
EN_AGC
Manual Control Input for Automatic Gain Control (AGC).
G6
I
ENABLE
Control Input. This pin moves the device through various operational states.
G7, G8
O
RX_FRAME_N, RX_FRAME_P
Receive Digital Data Framing Output Signal. These pins transmit the RX_FRAME
signal that indicates whether the RX output data is valid. In CMOS mode, use
RX_FRAME_P as the output and leave RX_FRAME_N unconnected.
G9, H9
I
TX_FRAME_P, TX_FRAME_N
Transmit Digital Data Framing Input Signal. These pins receive the TX_FRAME
signal that indicates when TX data is valid. In CMOS mode, use TX_FRAME_P as
the input and tie TX_FRAME_N to ground.
G11, H11
O
DATA_CLK_P, DATA_CLK_N
Receive Data Clock Output. These pins transmit the DATA_CLK signal that is used
by the BBP to clock RX data. In CMOS mode, use DATA_CLK_P as the output and
leave DATA_CLK_N unconnected.
H1, J1
I
RX1B_P, RX1B_N
Receive Channel 1 Differential Input B. Alternatively, each pin can be used as a
single-ended input. These inputs experience degraded performance above
3 GHz. Tie unused pins to ground.
H4
I
TXNRX
Enable State Machine Control Signal. This pin controls the data port bus direction.
Logic low selects the RX direction, and logic high selects the TX direction.
H5
I
SYNC_IN
Input to Synchronize Digital Clocks Between Multiple AD9361 Devices. If this pin
is unused, tied it to ground.
H8
I/O
P1_D11/RX_D5_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D11, it functions as part of the 12-bit bidirectional parallel CMOS level
Data Port 1. Alternatively, this pin (RX_D5_P) can function as part of the LVDS
6-bit RX differential output bus with internal LVDS termination.
H12
I
VDD_INTERFACE
1.2 V to 2.5 V Supply for Digital I/O Pins (1.8 V to 2.5 V in LVDS Mode).
J3
I
VDDA1P3_RX_SYNTH
1.3 V Supply Input.
J4
I
SPI_DI
SPI Serial Data Input.
J5
I
SPI_CLK
SPI Clock Input.
J6
O
CLK_OUT
Output Clock. This pin can be configured to output either a buffered version of the
external input clock, the DCXO, or a divided-down version of the internal ADC_CLK.
J7
I/O
P1_D10/RX_D5_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D10, it functions as part of the 12-bit bidirectional parallel CMOS level
Data Port 1. Alternatively, this pin (RX_D5_N) can function as part of the LVDS
6-bit RX differential output bus with internal LVDS termination.
J8
I/O
P1_D9/RX_D4_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D9, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D4_P) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
J9
I/O
P1_D7/RX_D3_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D7, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D3_P) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
J10
I/O
P1_D5/RX_D2_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D5, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D2_P) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com