Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 12Page - Analog Devices AD9361BBCZ Datasheet HTML 13Page - Analog Devices AD9361BBCZ Datasheet HTML 14Page - Analog Devices AD9361BBCZ Datasheet HTML 15Page - Analog Devices AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices AD9361BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 16 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration, Top View
Table 13. Pin Function Descriptions
Pin No.
Type1
Mnemonic
Description
A1, A2
I
RX2A_N, RX2A_P
Receive Channel 2 Differential Input A. Alternatively, each pin can be used as a
single-ended input or combined to make a differential pair. Tie unused pins to
ground.
A3, M3
NC
NC
No Connect. Do not connect to these pins.
A4, A6, B1, B2,
B12, C2, C7 to
C12, F3, H2,
H3, H6, J2, K2,
L2, L3, L7 to
L12, M4, M6
I
VSSA
Analog Ground. Tie these pins directly to the VSSD digital ground on the printed
circuit board (one ground plane).
A5
I
TX_MON2
Transmit Channel 2 Power Monitor Input. If this pin is unused, tie it to ground.
A7, A8
O
TX2A_N, TX2A_P
Transmit Channel 2 Differential Output A. Tie unused pins to 1.3 V.
A9, A10
O
TX2B_N, TX2B_P
Transmit Channel 2 Differential Output B. Tie unused pins to 1.3 V.
A11
I
VDDA1P1_TX_VCO
Transmit VCO Supply Input. Connect to B11.
A12
I
TX_EXT_LO_IN
External Transmit LO Input. If this pin is unused, tie it to ground.
B3
O
AUXDAC1
Auxiliary DAC 1 Output.
B4 to B7
O
GPO_3 to GPO_0
3.3 V Capable General-Purpose Outputs.
B8
I
VDD_GPO
2.5 V to 3.3 V Supply for the AUXDAC and General-Purpose Output Pins. When
the VDD_GPO supply is not used, this supply must be set to 1.3 V.
B9
I
VDDA1P3_TX_LO
Transmit LO 1.3 V Supply Input.
B10
I
VDDA1P3_TX_VCO_LDO
Transmit VCO LDO 1.3 V Supply Input. Connect to B9.
B11
O
TX_VCO_LDO_OUT
Transmit VCO LDO Output. Connect to A11 and a 1 µF bypass capacitor in series
with a 1 Ω resistor to ground.
C1, D1
I
RX2C_P, RX2C_N
Receive Channel 2 Differential Input C. Each pin can be used as a single-ended
input or combined to make a differential pair. These inputs experience
degraded performance above 3 GHz. Tie unused pins to ground.
RX2A_N
RX2A_P
NC
VSSA
TX_MON2
VSSA
TX2A_N
TX2A_P
TX2B_N
TX2B_P
VDDA1P1_
TX_VCO
TX_VCO_
LDO_OUT
TX_EXT_
LO_IN
1
2
3
4
5
6
7
8
9
10
11
12
VSSA
VSSA
AUXDAC1
GPO_3
GPO_2
GPO_1
GPO_0
VDD_GPO
VDDA1P3_
TX_LO
VDDA1P3_
RX_SYNTH
VDDA1P3_
TX_VCO_
LDO
VSSA
RX2C_P
VSSA
AUXDAC2
TEST/
ENABLE
CTRL_IN0
CTRL_IN1
VSSA
VSSA
VSSA
VSSA
VSSA
VSSA
RX2C_N
VDDA1P3_
RX_RF
VDDA1P3_
RX_TX
VDDA1P3_
RX_LO
VDDA1P3_
RX_VCO_
LDO
VDDA1P3_
TX_LO_
BUFFER
CTRL_OUT0
CTRL_IN3
CTRL_IN2
P0_D9/
TX_D4_P
P0_D7/
TX_D3_P
P0_D5/
TX_D2_P
P0_D3/
TX_D1_P
P0_D1/
TX_D0_P
P0_D8/
TX_D4_N
P0_D6/
TX_D3_N
P0_D4/
TX_D2_N
P0_D10/
TX_D5_N
FB_CLK_P
FB_CLK_N
P0_D2/
TX_D1_N
VSSD
RX2B_P
CTRL_OUT1 CTRL_OUT2 CTRL_OUT3
P0_D0/
TX_D0_N
P0_D11/
TX_D5_P
RX2B_N
VSSA
CTRL_OUT6 CTRL_OUT5 CTRL_OUT4
VSSD
VSSD
VSSD
VDDD1P3_
DIG
RX_EXT_
LO_IN
RX_VCO_
LDO_OUT
VDDA1P1_
RX_VCO
CTRL_OUT7
EN_AGC
ENABLE
RX_
FRAME_P
RX_
FRAME_N
TX_
FRAME_P
DATA_
CLK_P
VSSD
RX1B_P
VSSA
VSSA
VSSA
TXNRX
SYNC_IN
VSSD
P1_D11/
RX_D5_P
TX_
FRAME_N
VSSD
DATA_
CLK_N
VDD_
INTERFACE
RX1B_N
VSSA
SPI_DI
SPI_CLK
CLK_OUT
P1_D10/
RX_D5_N
RX1C_P
K
VSSA
VDDA1P3_
TX_SYNTH
VDDA1P3_
BB
RESETB
SPI_ENB
P1_D8/
RX_D4_N
P1_D9/
RX_D4_P
P1_D6/
RX_D3_N
P1_D7/
RX_D3_P
P1_D4/
RX_D2_N
P1_D5/
RX_D2_P
P1_D2/
RX_D1_N
P1_D3/
RX_D1_P
P1_D0/
RX_D0_N
P1_D1/
RX_D0_P
VSSD
RX1C_N
VSSA
VSSA
VSSA
RBIAS
AUXADC
SPI_DO
VSSA
VSSA
VSSA
VSSA
VSSA
RX1A_P
A
B
C
D
E
F
G
H
J
L
M
RX1A_N
NC
TX1B_N
VSSA
TX_MON1
VSSA
TX1A_P
TX1A_N
TX1B_P
XTALP
XTALN
ANALOG I/O
DIGITAL I/O
NO CONNECT
DC POWER
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com