Electronic Components Datasheet Search
  English  ▼

X  

AD9361BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 13Page - Analog Devices AD9361BBCZ Datasheet HTML 14Page - Analog Devices AD9361BBCZ Datasheet HTML 15Page - Analog Devices AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices AD9361BBCZ Datasheet HTML 20Page - Analog Devices AD9361BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD9361
Rev. F | Page 17 of 36
Pin No.
Type1
Mnemonic
Description
C3
O
AUXDAC2
Auxiliary DAC 2 Output.
C4
I
TEST/ENABLE
Test Input. Ground this pin for normal operation.
C5, C6, D6, D5
I
CTRL_IN0 to CTRL_IN3
Control Inputs. Used for manual RX gain and TX attenuation control.
D2
I
VDDA1P3_RX_RF
Receiver 1.3 V Supply Input. Connect to D3.
D3
I
VDDA1P3_RX_TX
1.3 V Supply Input.
D4, E4 to E6,
F4 to F6, G4
O
CTRL_OUT0, CTRL_OUT1 to
CTRL_OUT3, CTRL_OUT6 to
CTRL_OUT4, CTRL_OUT7
Control Outputs. These pins are multipurpose outputs that have programmable
functionality.
D7
I/O
P0_D9/TX_D4_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D9, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D4_P) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
D8
I/O
P0_D7/TX_D3_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D7, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D3_P) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
D9
I/O
P0_D5/TX_D2_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D5, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D2_P) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
D10
I/O
P0_D3/TX_D1_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D3, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D1_P) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
D11
I/O
P0_D1/TX_D0_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D1, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D0_P) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
D12, F7, F9,
F11, G12, H7,
H10, K12
I
VSSD
Digital Ground. Tie these pins directly to the VSSA analog ground on the printed
circuit board (one ground plane).
E1, F1
I
RX2B_P, RX2B_N
Receive Channel 2 Differential Input B. Each pin can be used as a single-ended
input or combined to make a differential pair. These inputs experience
degraded performance above 3 GHz. Tie unused pins to ground.
E2
I
VDDA1P3_RX_LO
Receive LO 1.3 V Supply Input.
E3
I
VDDA1P3_TX_LO_BUFFER
1.3 V Supply Input.
E7
I/O
P0_D11/TX_D5_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D11, it functions as part of the 12-bit bidirectional parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D5_P) can function as part of the LVDS
6-bit TX differential input bus with internal LVDS termination.
E8
I/O
P0_D8/TX_D4_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D8, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D4_N) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
E9
I/O
P0_D6/TX_D3_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D6, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D3_N) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
E10
I/O
P0_D4/TX_D2_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D4, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D2_N) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
E11
I/O
P0_D2/TX_D1_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D2, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D1_N) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.
E12
I/O
P0_D0/TX_D0_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D0, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D0_N) can function as part of the LVDS 6-bit TX
differential input bus with internal LVDS termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com