Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 20Page - Microchip Technology MIC23451 Datasheet HTML 21Page - Microchip Technology MIC23451 Datasheet HTML 22Page - Microchip Technology MIC23451 Datasheet HTML 23Page - Microchip Technology MIC23451 Datasheet HTML 24Page - Microchip Technology MIC23451 Datasheet HTML 25Page - Microchip Technology MIC23451 Datasheet HTML 26Page - Microchip Technology MIC23451 Datasheet HTML 27Page - Microchip Technology MIC23451 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 25
MIC23451
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC23451-AAAYFL-TR: MIC23451, Triple Adj. Output
Voltage, –40°C to +125°C
Temp. Range, 26-Lead
FQFN, 5,000/Reel
b) MIC23451-AAAYFL-T5:
MIC23451, Triple Adj. Output
Voltage, –40°C to +125°C
Temp. Range, 26-Lead
FQFN, 500/Reel
Device:
MIC23451:
3 MHz, 2A Triple Synchronous Buck Regu-
lator with HyperLight Load® and Power
Good
Output Voltage:
AAA = Adjustable/Adjustable/Adjustable
Temperature
Range:
Y
=
–40°C to +125°C
Package:
FL =
26-Lead FQFN
Media Type:
TR =
5,000/Reel
T5 =
500/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
Part Number
-XXX
X
XX
-XX
Device
Output
Voltage
Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com