Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 3 Page - Microchip Technology

  MIC23451 Datasheet HTML 1Page - Microchip Technology MIC23451 Datasheet HTML 2Page - Microchip Technology MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 3
MIC23451
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (PVIN, AVIN)......................................................................................................................... –0.3V to +6V
Sense (VSNS1, VSNS2, VSNS3)...................................................................................................................... –0.3V to +6V
Power Good (PG1, PG2, PG3) .................................................................................................................... –0.3V to +6V
Output Switch Voltage (VSW1, VSW2, VSW3) ................................................................................................ –0.3V to +6V
Enable Input Voltage (VEN1, VEN2, VEN3).......................................................................................................–0.3V to VIN
ESD Rating .............................................................................................................................................................Note 1
Operating Ratings ‡
Supply Voltage (VIN) ................................................................................................................................. +2.7V to +5.5V
Enable Input Voltage (VEN1, VEN2, VEN3)............................................................................................................0V to VIN
Output Voltage Range (VSNS1, VSNS2, VSNS3)............................................................................................. +1V to +3.3V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive; use proper handling precautions. Human body model, 1.5 kΩ in series with
100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = +25°C; VIN = VEN1 = VEN2 = VEN3 = 3.6V; L1 = L2 = L3 = 1 µH; COUT1 = COUT2 =
COUT3 = 4.7 µF, unless otherwise specified. Bold values valid for –40°C ≤ TJ ≤ +125°C, unless noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage Range
VIN
2.7
—
5.5
V
—
Undervoltage Lockout
Threshold
UVLOTH 2.45
2.55
2.65
V
Turn-On
Undervoltage Lockout
Hysteresis
UVLOHYS
—
75
—
mV
—
Quiescent Current
IQ
—
65
120
µA
IOUT = 0 mA,
VSNS > 1.2 x VOUT(NOM)
Per Channel Shutdown Current
ISHDN
—
0.1
5
µA
VEN1, VEN2, VEN3 = 0V;
VIN = 5.5V
Output Voltage Accuracy
—
–2.5
—
+2.5
%
VIN = 3.6V if VOUT(NOM) < 2.5V,
ILOAD = 20 mA
–2.5
—
+2.5
VIN = 4.5V if VOUT(NOM) ≥ 2.5V,
ILOAD = 20 mA
Feedback Voltage
VFBx
0.604
0.62
0.635
V
—
Peak Current Limit
ILIM(PK)
2.2
4.1
—
A
SNS1, SNS2, SNS3 = 0.9 x
VOUT(NOM)
Foldback Current Limit
ILIM
—
2.3
—
A
—
Output Voltage Line Regulation
(VOUT1, VOUT2, VOUT3)
—
—
0.3
—
%/V
VIN = 3.6V to 5.5V if VOUT(NOM)1,2,3
< 2.5V, ILOAD = 20 mA
—
0.3
—
VIN = 4.5V to 5.5V if VOUT(NOM)1,2,3
≥ 2.5V, ILOAD = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com