Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology MIC23451 Datasheet HTML 10Page - Microchip Technology MIC23451 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 7
MIC23451
FIGURE 2-13:
Enable Threshold vs. Input
Voltage.
FIGURE 2-14:
Enable Threshold vs.
Temperature.
FIGURE 2-15:
Switching Frequency vs.
Load Current.
FIGURE 2-16:
Feedback Voltage vs.
Temperature.
FIGURE 2-17:
Maximum Output Current
per O/P vs. Temperature (1 O/P).
FIGURE 2-18:
Maximum Output Current
per O/P vs. Temperature (2 O/Ps).
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.02.53.03.54.04.55.05.56.0
INPUT VOLTAGE (V)
TAMB = 25°C
0.5
0.6
0.7
0.8
0.9
1.0
-60
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 3.6V
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
OUTPUT CURRENT (A)
VOUT = 1.8V
VIN = 5V
VIN = 3V
VIN = 3.6V
0.600
0.605
0.610
0.615
0.620
0.625
0.630
0.635
0.640
-60 -40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
VIN=2.7V
VIN = 5.5V
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com