Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 12Page - Microchip Technology MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology MIC23451 Datasheet HTML 17Page - Microchip Technology MIC23451 Datasheet HTML 18Page - Microchip Technology MIC23451 Datasheet HTML 19Page - Microchip Technology MIC23451 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MIC23451
DS20006662A-page 16
2022 Microchip Technology Inc. and its subsidiaries
The asynchronous switching combination between the
PMOS and the NMOS allows the control loop to work
in discontinuous mode for light load operations. In
discontinuous mode, the MIC23451 works in
pulse-frequency modulation (PFM) to regulate the
output. As the output current increases, the off-time
decreases, which provides more energy to the output.
This switching scheme improves the efficiency of
MIC23451 during light load currents by switching only
when it is needed. As the load current increases, the
MIC23451 goes into continuous conduction mode
(CCM) and switches at a frequency centered at 3 MHz.
The equation to calculate the load when the MIC23451
goes into continuous conduction mode is approximated
in Equation 5-10.
EQUATION 5-10:
As shown in that equation, the load at which the
MIC23451 transitions from HyperLight Load mode to
PWM mode is a function of the input voltage (VIN),
output voltage (VOUT), duty cycle (D), inductance (L),
and frequency (f). Figure 5-3 shows that as the output
current increases, the switching frequency also
increases until the MIC23451 goes from HyperLight
Load mode to PWM mode at approximately 120 mA.
The MIC23451 will switch at a relatively constant
frequency around 3 MHz after the output current is over
120 mA.
FIGURE 5-3:
Switching Frequency vs.
Output Current.
5.9
Multiple Sources
The MIC23451 provides all the pins necessary to
operate the three regulators from independent
sources. This can be useful in partitioning power within
a multi-rail system. For example, two supplies may be
available within a system: 3.3V and 5V. The MIC23451
can be connected to use the 3.3V supply to provide
two, low-voltage outputs (for example, 1.2V and 1.8V)
and use the 5V rail to provide a higher output (for
example, 2.5V), resulting in the power blocks shown in
Figure 5-4.
FIGURE 5-4:
Multi-Source Power Block
Diagram.
ILOAD
VIN VOUT
–
D
2L f
-------------------------------------------
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
OUTPUT CURRENT (A)
VOUT = 1.8V
VIN = 5V
VIN = 3V
VIN = 3.6V
5V
3.3V
1.8V
1.2V
2.5V
CH1
CH2
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com