Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 2Page - Microchip Technology MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology MIC23451 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MIC23451
DS20006662A-page 6
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Output Voltage vs. Output
Current (HLL).
FIGURE 2-8:
Output Voltage vs. Output
Current (CCM).
FIGURE 2-9:
Output Voltage vs.
Temperature.
FIGURE 2-10:
Power Good Delay Time vs.
Input Voltage.
FIGURE 2-11:
Power Good Thresholds vs.
Input Voltage.
FIGURE 2-12:
UVLO Threshold vs.
Temperature.
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
0.030.060.090.120.150.18
LOAD CURRENT (A)
VOUT = 1.8V
VIN = 3V
VIN = 3.6V
VIN = 5V
1.74
1.76
1.78
1.80
1.82
1.84
-60 -40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
0
20
40
60
80
100
23456
INPUT VOLTAGE (V)
PG RISING
PG FALLING
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
PG RISING
PG FALLING
2.47
2.49
2.51
2.53
2.55
2.57
-60 -40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
UVLO RISING
UVLO FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com