Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 40Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 41Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 42Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 43Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 44Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 45Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 46Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 47Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
44
•
Table 17 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 18 provides output driver characteristics for I/O pads when in MEDIUM configuration.
•
Table 19 provides output driver characteristics for I/O pads when in FAST configuration.
Table 16. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ Max
|IWPU| CC P Weak pull-up current
absolute value
VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 12
2 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
10
—
250
PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
|IWPD| CC P Weak pull-down current
absolute value
VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1
10
—
250
PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
Table 17. SLOW configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VOH CC P Output high level
SLOW configuration
Push Pull IOH = −2mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 0
(recommended)
0.8VDD
——
V
CIOH = −2mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 12
0.8VDD
——
CIOH = −1mA,
VDD = 3.3 V ± 10%,
PAD3V5V = 1
(recommended)
VDD − 0.8
—
—
VOL CC P Output low level
SLOW configuration
Push Pull IOL = 2 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
CIOL = 2 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 12
—
—
0.1VDD
CIOL = 1 mA,
VDD = 3.3 V ± 10%,
PAD3V5V = 1
(recommended)
——
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com