Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 62Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 63Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 64Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 65Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 66Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 67Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 68Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
65
4.9.3
Start-up/Switch-off timings
4.10
Electromagnetic compatibility (EMC) characteristics
Susceptibility tests are performed on a sample basis during product characterization.
4.10.1
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical application
environment and simplified MCU software. It should be noted that good EMC performance is highly
dependent on the user application and the software in particular.
Therefore it is recommended that the user apply EMC software optimization and prequalification tests in
relation with the EMC level requested for the application.
Table 31. Flash power supply DC electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
ICFREAD CC Sum of the current consumption on
VDD_HV and VDD_BV on read access
Flash module read
fCPU = 64 MHz
Code Flash
—
—
33
mA
IDFREAD
Data Flash
—
—
33
ICFMOD CC Sum of the current consumption on
VDD_HV and VDD_BV on matrix
modification (program/erase)
Program/Erase
on-going while reading
Flash registers
fCPU = 64 MHz
Code Flash
—
—
52
mA
IDFMOD
Data Flash
—
—
33
ICFLPW CC Sum of the current consumption on
VDD_HV and VDD_BV during Flash low
power mode
—
Code Flash
—
—
1.1
mA
IDFLPW
Data Flash
—
—
900
µA
ICFPWD CC Sum of the current consumption on
VDD_HV and VDD_BV during Flash
power down mode
—
Code Flash
—
—
150
µA
IDFPWD
Data Flash
—
—
150
Table 32. Start-up time/Switch-off time
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
tFLARSTEXIT
CC T Delay for Flash module to exit reset mode
—
—
—
125
µs
tFLALPEXIT
CC T Delay for Flash module to exit low-power mode
—
—
—
0.5
tFLAPDEXIT
CC T Delay for Flash module to exit power-down mode
—
—
—
30
tFLALPENTRY CC T Delay for Flash module to enter low-power mode
—
—
—
0.5
tFLAPDENTRY CC T Delay for Flash module to enter power-down mode
—
—
—
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com