Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 73Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 74Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 75Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 76Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 77Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 78Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 79Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 80Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
77
or circuit supplying the analog signal to be measured. The filter at the input pins must be designed taking
into account the dynamic characteristics of the input signal (bandwidth) and the equivalent input
impedance of the ADC itself.
In fact a current sink contributor is represented by the charge sharing effects with the sampling
capacitance: being CS and Cp2 substantially two switched capacitances, with a frequency equal to the
conversion rate of the ADC, it can be seen as a resistive path to ground. For instance, assuming a
conversion rate of 1 MHz, with CS+Cp2 equal to 3 pF, a resistance of 330 kΩ is obtained (REQ = 1 /
(fc ×(CS+Cp2)), where fc represents the conversion rate at the considered channel). To minimize the error
induced by the voltage partitioning between this resistance (sampled voltage on CS+Cp2) and the sum of
RS + RF, the external circuit must be designed to respect the Equation 4:
Eqn. 4
Equation 4 generates a constraint for external network design, in particular on a resistive path.
Figure 17. Input equivalent circuit (precise channels)
VA
RS RF
+
REQ
---------------------
•
1
2
---LSB
<
RF
CF
RS
RL
RSW1
CP2
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com