Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 62Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
59
4.7.2
Low voltage detector electrical characteristics
The device implements a power-on reset (POR) module to ensure correct power-up initialization, as well
as five low voltage detectors (LVDs) to monitor the VDD and the VDD_LV voltage while device is supplied:
CDEC2
SR — Decoupling capacitance regulator
supply
VDD/VSS pair
10
100
—
nF
VMREG
CC T Main regulator output voltage
Before exiting from reset
—
1.32
—
V
P
After trimming
1.16
1.28
—
IMREG
SR — Main regulator current provided to
VDD_LV domain
——
—
150
mA
IMREGINT
CC D Main regulator module current
consumption
IMREG = 200 mA
—
—
2
mA
IMREG = 0 mA
—
—
1
VLPREG
CC P Low-power regulator output voltage
After trimming
1.16
1.28
—
V
ILPREG
SR — Low-power regulator current provided
to VDD_LV domain
——
—
15
mA
ILPREGINT
CC D Low-power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
µA
—
ILPREG = 0 mA;
TA = 55 °C
—
5—
VULPREG
CC P Ultra low power regulator output
voltage
After trimming
1.16
1.28
—
V
IULPREG
SR — Ultra low power regulator current
provided to VDD_LV domain
——
—
5
mA
IULPREGINT CC D Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
—
2—
IDD_BV
CC D In-rush average current on VDD_BV
during power-up5
——
—
3006
mA
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 This capacitance value is driven by the constraints of the external voltage regulator supplying the V
DD_BV voltage. A
typical value is in the range of 470 nF.
3 This value is acceptable to guarantee operation from 4.5 V to 5.5 V
4 External regulator and capacitance circuitry must be capable of providing I
DD_BV while maintaining supply VDD_BV in
operating range.
5 In-rush average current is seen only for short time during power-up and on standby exit (maximum 20 µs, depending
on external capacitances to be loaded).
6 The duration of the in-rush current depends on the capacitance placed on LV pins. BV decoupling capacitors must
be sized accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.
Table 25. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com