Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 52Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 53Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 54Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
56
VIL
SR P Input low Level CMOS
(Schmitt Trigger)
—
−0.4
—
0.35VDD
V
VHYS
CC C Input hysteresis CMOS
(Schmitt Trigger)
—0.1VDD
——
V
VOL
CC P Output low level
Push Pull, IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
Push Pull, IOL = 1 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
2
—
—
0.1VDD
Push Pull, IOL = 1 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5
ttr
CC D Output transition time output
pin3 MEDIUM configuration
CL = 25 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
10
ns
CL = 50 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
20
CL = 100 pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
40
CL = 25 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
12
CL = 50 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
25
CL = 100 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
40
WFRST SR P RESET input filtered pulse
—
—
—
40
ns
WNFRST SR P RESET input not filtered pulse
—
1000
—
—
ns
|IWPU| CC P Weak pull-up current absolute
value
VDD = 3.3 V ± 10%, PAD3V5V = 1
10
—
150
µA
DVDD = 5.0 V ± 10%, PAD3V5V = 0
10
—
150
PVDD = 5.0 V ± 10%, PAD3V5V = 1
4
10
—
250
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to RGM module section of
the device reference manual).
3 C
L includes device and package capacitance (CPKG <5pF).
4 The configuration PAD3V5 = 1 when V
DD = 5 V is only transient configuration during power-up. All pads but RESET
and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
Table 24. Reset electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com