Electronic Components Datasheet Search
  English  ▼

X  

MPC5606BAMLL4R Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPC5606BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 62Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 63Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 64Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 65Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 66Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 67Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
64
ECC circuitry provides correction of single bit faults and is used to improve further automotive reliability
results. Some units will experience single bit corrections throughout the life of the product with no impact
to product reliability.
4.9.2
Flash power supply DC characteristics
Table 31 shows the power supply DC characteristics on external supply.
Table 29. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E
CC C Number of program/erase
cycles per block for 16 KB
blocks over the operating
temperature range (TJ)
—
100,000
—
—
cycles
P/E
CC C Number of program/erase
cycles per block for 32 KB
blocks over the operating
temperature range (TJ)
—
10,000
100,000
—
cycles
P/E
CC C Number of program/erase
cycles per block for 128 KB
blocks over the operating
temperature range (TJ)
—
1,000
100,000
—
cycles
Retention
CC C Minimum data retention at
85 °C average ambient
temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with
0–1,000 P/E cycles
20
—
—
years
Blocks with
1,001–10,000 P/E
cycles
10
—
—
years
Blocks with
10,001–100,000 P/E
cycles
5—
—
years
Table 30. Flash read access timing
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Max
Unit
fREAD
CC
P Maximum frequency for Flash reading
2 wait states
64
MHz
C
1 wait state
40
C
0 wait states
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com