Electronic Components Datasheet Search
  English  ▼

X  

BLF644P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF644P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BLF644P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
4 of 12
BLF644P
Broadband power LDMOS transistor
7.2 Test circuit information
See Table 9 for list of components.
Fig 1.
Schematic for class-AB production test circuit
aaa-009152
L6
L8
L9
C1
C8
C9
C10
C12
C18
C14
C15
C19
C16
C17
R5
L14
R6
C13
C11
C2 L4
L10
L11
L13
L12
L5
L3
L2
R1
L1
C4
C3
50 Ω
50 Ω
C5
R3
C6
R2
R4
T1
T2
+VDS1
+VDS2
C7
+VGS1
+VGS2
L7
Printed-Circuit Board (PCB): RF 35;
r = 3.5 F/m; thickness = 0.765 mm; thickness copper
plating = 35
m.
See Table 9 for list of components.
Fig 2.
Component layout for class-AB production test circuit
C14
C15
C17
C10
C9
C8
C1
R1
R2
R4
C6
C4
C5
C3
R3
C2
C7
R6
C12
C11
C13
C16
T2
T1
R5
60 mm
60 mm
60 mm
C18
C19
aaa-009153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com