Electronic Components Datasheet Search
  English  ▼

X  

BLF644P Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF644P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BLF644P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
6 of 12
BLF644P
Broadband power LDMOS transistor
7.3 Graphical data
7.3.1 1-Tone CW
VDS = 32 V; f = 860 MHz.
(1) IDq =2  100 mA
(2) IDq =2  200 mA
(3) IDq =2  300 mA
VDS = 32 V; f = 860 MHz.
(1) IDq =2  100 mA
(2) IDq =2  200 mA
(3) IDq =2  300 mA
Fig 3.
Power gain as a function of output power;
typical values
Fig 4.
Drain efficiency as a function of output power;
typical values
aaa-009154
0
20
40
60
80
100
120
22.5
23
23.5
24
24.5
25
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
aaa-009155
0
20
40
60
80
100
120
10
20
30
40
50
60
70
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com