Electronic Components Datasheet Search
  English  ▼

X  

BLF644P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF644P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BLF644P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
5 of 12
BLF644P
Broadband power LDMOS transistor
[1]
American Technical Ceramics type 800A or capacitor of same quality.
[2]
American Technical Ceramics type 800B or capacitor of same quality.
Table 9.
List of components
See Figure 1 and Figure 2.
Component Description
Value
Remarks
C1
multilayer ceramic chip capacitor 22 pF
[1]
C2
multilayer ceramic chip capacitor 8.2 pF
[1]
C3
multilayer ceramic chip capacitor 62 pF
[1]
C4, C5
multilayer ceramic chip capacitor 51 pF
[1]
C6, C7,
C14, C15
multilayer ceramic chip capacitor 4.7
F, 50 V
C8
multilayer ceramic chip capacitor 12 pF
[2]
C9
multilayer ceramic chip capacitor 5.1 pF
[2]
C10
multilayer ceramic chip capacitor 9.1 pF
[2]
C11
multilayer ceramic chip capacitor 75 pF
[2]
C12, C13
multilayer ceramic chip capacitor 62 pF
[2]
C16, C17
multilayer ceramic chip capacitor 100 pF
[1]
C18, C19
electrolytic capacitor
470
F, 63 V
L1
microstrip
-
(L
 W) 4 mm  1.7 mm
L2, L3
microstrip
-
(L
 W) 8 mm  2mm
L4, L5
microstrip
-
(L
 W) 8 mm  4mm
L6, L7
microstrip
-
(L
 W) 7.4 mm  6mm
L8, L9
microstrip
-
(L
 W) 11.1 mm  11.6 mm
L10, L11
microstrip
-
(L
 W) 8.6 mm  4.9 mm
L12, L13
microstrip
-
(L
 W) 3 mm  2.7 mm
L14
microstrip
-
(L
 W) 4 mm  1.7 mm
R1, R2
multilayer ceramic chip capacitor 5.6
SMD 1206
R3, R4
multilayer ceramic chip capacitor 100
R5, R6
multilayer ceramic chip capacitor 30
SMD 1206
T1, T2
Semi-rigid coaxial cable
25
, 61 mm
UT-90C-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com