Electronic Components Datasheet Search
  English  ▼

X  

BLF644P Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 12Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BLF644P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
8 of 12
BLF644P
Broadband power LDMOS transistor
8. Package outline
Fig 9.
Package outline SOT1228A
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1228A
12-06-11
13-05-16
Flanged LDMOST ceramic package; 2 mounting holes; 4 leads
SOT1228A
sot1228a_po
Unit(1)
mm
max
nom
min
5.2
4.5
5.59
5.33
16.69
16.33
5.92
5.77
18.29
17.27
2.21
1.96
A
Dimensions
bD1
EE1
Hp
3.43
3.18
Q(2)
U1
29.08
28.83
5.97
5.72
U2
inches
max
nom
min
0.205
0.177
0.220
0.210
0.15
0.08
c
0.006
0.003
16.66
16.36
D
0.656
0.644
0.657
0.643
1.65
1.40
5.97
5.72
F
0.065
0.055
0.235
0.225
0.233
0.227
6.60
e
0.26
0.720
0.680
12.19
11.94
H1
0.480
0.470
0.087
0.077
w2
0.25
22.86
0.125
0.01
0.51
w1
0.02 0.005
0.135
0.125
q
0.235
0.225
1.145
1.135
0.900
Note
1. Millimeter dimensions are derived from the original inch dimensions.
2. Dimension is measured 0.030 inch (0.76 mm) from body.
w3
0.380
0.015
w4
F
D1
A
D
U2
A
H
p
w1
A
w2
C
B
e
U1
q
C
B
H1
w1
A
B
b
w1
E
c
Q
E1
34
5
12
scale
10 mm
05
w4
A
B
w3
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com