| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 235 page ![]() 2 Applications • Human Machine Interfaces (HMI) • Retail automation • Driver Monitoring System (DMS/OMS) / In-Cabin Monitoring (ICM) • Telematics Control Unit (TCU) • 3D Point Cloud • Vehicle to Infrastructure / Vehicle to Vehicle (V2X / V2V) • 3D Re-configurable automotive instrument cluster • Appliance user interface and connectivity • Medical equipment 3 Description The low-cost AM62x Sitara™ MPU family of application processors are built for Linux® application development. With scalable Arm® Cortex®-A53 performance and embedded features, such as: dual-display support and 3D graphics acceleration, along with an extensive set of peripherals that make the AM62x device well-suited for a broad range of industrial and automotive applications while offering intelligent features and optimized power architecture as well. Some of these applications include: • Industrial HMI • EV charging stations • Touchless building access • Driver monitoring systems AM62x Sitara™ processors are industrial-grade in the 13 x 13 mm package (ALW) and can meet the AEC- Q100 automotive standard in the 17.2 x 17.2 mm package (AMC). Industrial and Automotive functional safety requirements can be addressed using the integrated Cortex-M4F cores and dedicated peripherals, which can all be isolated from the rest of the AM62x processor. The 2-port Gigabit Ethernet switch has one internal port and two external ports with Time-Sensitive Networking (TSN) support. An additional PRU module on the device enables real-time I/O capability for customer’s own use cases. In addition, the extensive set of peripherals included in AM62x enables system-level connectivity, such as: USB, MMC/SD, Camera interface, OSPI, CAN-FD and GPMC for parallel host interface to an external ASIC/FPGA. The AM62x device also supports secure boot for IP protection with the built-in Hardware Security Module (HSM) and employs advanced power management support for portable and power-sensitive applications Products in the AM62x processor family: • AM623—IoT and gateway SoC with Arm® Cortex®-A53 based object and gesture recognition • AM625—Human-Machine InteractionSoC with Arm® Cortex®-A53 based edge AI, full-HD dual-display Package Information PART NUMBER(2) PACKAGE(1) BODY SIZE XAM625...ALW FCCSP BGA (425-pin) 13 mm × 13 mm XAM623...ALW FCCSP BGA (425-pin) 13 mm × 13 mm AM625...ALW FCCSP BGA (425-pin) 13 mm × 13 mm AM623...ALW FCCSP BGA (425-pin) 13 mm × 13 mm AM625...AMC FCBGA (441-pin) 17.2 mm x 17.2 mm (1) For more information, see Section 11, Mechanical, Packaging, and Orderable Information. (2) All XAM625x and XAM623x part numbers correspond to the fully featured XAM6254ATCGGAALW. AM625, AM623 SPRSP58 – JUNE 2022 www.ti.com 4 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |