Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM625 Datasheet HTML 17Page - Texas Instruments AM625 Datasheet HTML 18Page - Texas Instruments AM625 Datasheet HTML 19Page - Texas Instruments AM625 Datasheet HTML 20Page - Texas Instruments AM625 Datasheet HTML 21Page - Texas Instruments AM625 Datasheet HTML 22Page - Texas Instruments AM625 Datasheet HTML 23Page - Texas Instruments AM625 Datasheet HTML 24Page - Texas Instruments AM625 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 235 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
R24
N20
GPMC0_AD8
PADCONFIG:
PADCONFIG23
0x000F405C
GPMC0_AD8
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA16
1
O
UART2_RXD
2
I
1
MCASP2_AXR0
3
IO
0
PR0_PRU1_GPO0
4
O
PR0_PRU1_GPI0
5
I
0
GPIO0_23
7
IO
pad
BOOTMODE08
Bootstrap
I
R25
N21
GPMC0_AD9
PADCONFIG:
PADCONFIG24
0x000F4060
GPMC0_AD9
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA17
1
O
UART2_TXD
2
O
MCASP2_AXR1
3
IO
0
PR0_PRU1_GPO1
4
O
PR0_PRU1_GPI1
5
I
0
GPIO0_24
7
IO
pad
BOOTMODE09
Bootstrap
I
T25
M17
GPMC0_AD10
PADCONFIG:
PADCONFIG25
0x000F4064
GPMC0_AD10
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA18
1
O
UART3_RXD
2
I
1
MCASP2_AXR2
3
IO
0
PR0_PRU1_GPO2
4
O
PR0_PRU1_GPI2
5
I
0
GPIO0_25
7
IO
pad
OBSCLK0
8
O
BOOTMODE10
Bootstrap
I
R21
N18
GPMC0_AD11
PADCONFIG:
PADCONFIG26
0x000F4068
GPMC0_AD11
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA19
1
O
UART3_TXD
2
O
MCASP2_AXR3
3
IO
0
PR0_PRU1_GPO3
4
O
PR0_PRU1_GPI3
5
I
0
TRC_DATA23
6
O
GPIO0_26
7
IO
pad
BOOTMODE11
Bootstrap
I
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com