Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 235 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM62x Software Build Sheet.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM625
AM623
AM6254
AM6252
AM6251
AM6234
AM6232
AM6231
CTRLMMR_WKUP_JTAG_DEVICE_ID[31:13]
DEVICE_ID register bit field value(1)
C: 0x1D123
G: 0x1D127
C: 0x1D0A3
G: 0x1D0A7
G: 0x1D067
C: 0x1D103
G: 0x1D107
C: 0x1D083
G: 0x1D087
 
G: 0x1D047
PROCESSORS AND ACCELERATORS
Speed Grades (See Table 7-1)
T, S, K
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Dual Core
Single Core
Quad Core
Dual Core
Single Core
Arm Cortex-M4F in MCU domain
Arm M4F
Single Core
Functional Safety Optional(4)
3D Graphics Engine (OpenGL ES 3.0)
3D Graphics
engine
Yes
Yes
Yes
No
No
No
Device Management Subsystem
WKUP_R5F
Single core
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in
MAIN Domain
OCSRAM
64KB (with SECDED ECC)
On-Chip Shared Memory (RAM) in M4F
Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
16-bit data with inline ECC; up to 8GB using DDR4 or 4GB using LPDDR4
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
1x DPI
1x LVDS
Modular Controller Area Network
Interface with Full CAN-FD Support
MCAN
3
General-Purpose I/O
GPIO
Up to 170
Inter-Integrated Circuit Interface
I2C
6
Multichannel Audio Serial Port
MCASP
3
Multichannel Serial Peripheral Interface MCSPI
5
Multi-Media Card/ Secure Digital
Interface
MM/CSD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
Flash Subsystem (FSS)(2)
OSPI0/QSPI0
Yes(2)
Programmable Real-Time Unit
Subsystem
PRU_ICSS
2x PRU Cores
Industrial Communication Subsystem
Support(3)
PRU_ICSS
No
Gigabit Ethernet Interface
CPSW3G
Yes
General-Purpose Timers
TIMER
12 (4 in MCU Channel)
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com