| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 235 page ![]() 6.3.19 OSPI 6.3.19.1 MAIN Domain Table 6-48. OSPI0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] OSPI0_CLK O OSPI Clock H24 G19 OSPI0_DQS I OSPI Data Strobe (DQS) or Loopback Clock Input J24 H20 OSPI0_ECC_FAIL I OSPI ECC Status E24 E18 OSPI0_LBCLKO IO OSPI Loopback Clock Output G25 G18 OSPI0_CSn0 O OSPI Chip Select 0 (active low) F23 F19 OSPI0_CSn1 O OSPI Chip Select 1 (active low) G21 F17 OSPI0_CSn2 O OSPI Chip Select 2 (active low) H21 E17 OSPI0_CSn3 O OSPI Chip Select 3 (active low) E24 E18 OSPI0_D0 IO OSPI Data 0 E25 F18 OSPI0_D1 IO OSPI Data 1 G24 G17 OSPI0_D2 IO OSPI Data 2 F25 F21 OSPI0_D3 IO OSPI Data 3 F24 F20 OSPI0_D4 IO OSPI Data 4 J23 G21 OSPI0_D5 IO OSPI Data 5 J25 H21 OSPI0_D6 IO OSPI Data 6 H25 G20 OSPI0_D7 IO OSPI Data 7 J22 J21 OSPI0_RESET_OUT0 O OSPI Reset E24 E18 OSPI0_RESET_OUT1 O OSPI Reset H21 E17 6.3.20 Power Supply Table 6-49. Power Supply Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] CAP_VDDS0 (1) CAP External capacitor connection for IO group 0 H15 G12 CAP_VDDS1 (1) CAP External capacitor connection for IO group 1 K18 L15 CAP_VDDS2 (1) CAP External capacitor connection for IO group 2 W17 R13 CAP_VDDS3 (1) CAP External capacitor connection for IO group 3 P19 M15 CAP_VDDS4 (1) CAP External capacitor connection for IO group 4 U7 N8 CAP_VDDS5 (1) CAP External capacitor connection for IO group 5 H17 G15 CAP_VDDS6 (1) CAP External capacitor connection for IO group 6 J19 J15 CAP_VDDS_CANUART (1) CAP External capacitor connection for IO CANUART G9 G8 CAP_VDDS_MCU (1) CAP External capacitor connection for IO MCU H11 G11 VDDA_1P8_USB PWR USB 1.8 V analog supply Y11 R11 VDDA_1P8_CSIRX0 PWR CSIRX analog supply high W14 R12 VDDA_1P8_OLDI0 PWR OLDI analog supply W10, W9 P9, R9 VDDA_3P3_USB PWR USB 3.3 V analog supply Y13 R10 VDDA_CORE_CSIRX0 PWR CSIRX analog supply low W13 P12 VDDA_CORE_USB PWR USB Core Supply W12 P11 VDDA_DDR_PLL0 PWR DDR Deskew PLL analog supply L9 VDDA_MCU PWR POR and MCU PLL analog supply L11 H10 VDDA_PLL0 PWR MAIN PLL, DDR PLL, DSS PLL0, and DSS PLL1 analog supply U11 N10 VDDA_PLL1 PWR PER0 PLL and PER1 PLL analog supply U15 P14 AM625, AM623 SPRSP58 – JUNE 2022 www.ti.com 72 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |