| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 235 page ![]() Media and Data Storage: • 3x Secure Digital® (SD®) (4b+4b+8b) interface – 1x 8-bit eMMC interface up to HS200 speed – 2x 4-bit SD/SDIO interface up to UHS-I – Compliant with eMMC 5.1, SD 3.0 and SDIO Version 3.0 • 1× General-Purpose Memory Controller (GPMC) up to 133 MHz – Flexible 8- and 16-Bit Asynchronous Memory Interface With up to four Chip (22-bit address) Selects (NAND, NOR, Muxed-NOR, and SRAM) – Uses BCH Code to Support 4-, 8-, or 16-Bit ECC – Uses Hamming Code to Support 1-Bit ECC – Error Locator Module (ELM) • Used With the GPMC to Locate Addresses of Data Errors From Syndrome Polynomials Generated Using a BCH Algorithm • Supports 4-, 8-, and 16-Bit Per 512-Byte Block Error Location Based on BCH Algorithms • OSPI/QSPI with 166-MHz DDR / 200-MHz SDR – Support for Serial NAND and Serial NOR flash devices – Up to 4 CS supported – 4GBytes memory address support – XIP mode with optional on-the-fly encryption Power Management: • Low power modes supported by Device Manager – Partial IO support for CAN/GPIO/UART wakeup – DeepSleep – MCU Only – Standby – Dynamic frequency scaling for Cortex-A53 Optimal Power Management Solution: • Recommended TPS65219 Power Management ICs (PMIC) – Companion PMIC specially designed to meet device power supply requirements – Flexible mapping and factory programmed configurations to support different use cases Boot Options: • UART • I2C EEPROM • OSPI/QSPI Flash • GPMC NOR/NAND Flash • Serial NAND Flash • SD Card • eMMC • USB (host) boot from Mass Storage device • USB (device) boot from external host (DFU mode) • Ethernet Technology / Package: • 16-nm technology • 13 mm x 13 mm, 0.5-mm pitch, 425-pin FCCSP BGA (ALW) • 17.2 mm x 17.2 mm, 0.8-mm pitch, 441-pin FCBGA (AMC) www.ti.com AM625, AM623 SPRSP58 – JUNE 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |