Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1822 Datasheet HTML 1Page - Texas Instruments PCM1822 Datasheet HTML 2Page - Texas Instruments PCM1822 Datasheet HTML 3Page - Texas Instruments PCM1822 Datasheet HTML 4Page - Texas Instruments PCM1822 Datasheet HTML 5Page - Texas Instruments PCM1822 Datasheet HTML 6Page - Texas Instruments PCM1822 Datasheet HTML 7Page - Texas Instruments PCM1822 Datasheet HTML 8Page - Texas Instruments PCM1822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over the operating ambient temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
AVDD to AVSS
–0.3
3.9
V
AREG to AVSS
–0.3
2.0
IOVDD to VSS (thermal pad)
–0.3
3.9
Ground voltage differences
AVSS to VSS (thermal pad)
–0.3
0.3
V
Analog input voltage
Analog input pins voltage to AVSS
–0.3
AVDD + 0.3
V
Digital input voltage
Digital input pins voltage to VSS (thermal pad)
–0.3
IOVDD + 0.3
V
Temperature
Operating ambient, TA
–40
125
°C
Junction, TJ
–40
150
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
POWER
AVDD,
AREG(1)
Analog supply voltage AVDD to AVSS (AREG is generated using onchip regulator) -
AVDD 3.3-V operation
3.0
3.3
3.6
V
IOVDD
IO supply voltage to VSS (thermal pad) - IOVDD 3.3-V operation
3.0
3.3
3.6
V
IO supply voltage to VSS (thermal pad) - IOVDD 1.8-V operation
1.65
1.8
1.95
INPUTS
Analog input pins and FMT0 voltage to VSS
0
AVDD
V
Digital input pins voltage(except FMT0) to VSS (thermal pad)
0
IOVDD
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C
OTHERS
Digital input pin used as MCLK input clock frequency
36.864
MHz
CL
Digital output load capacitance
20
50
pF
(1)
AVSS and VSS (thermal pad): all ground pins must be tied together and must not differ in voltage by more than 0.2 V.
www.ti.com
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com