Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1822 Datasheet HTML 1Page - Texas Instruments PCM1822 Datasheet HTML 2Page - Texas Instruments PCM1822 Datasheet HTML 3Page - Texas Instruments PCM1822 Datasheet HTML 4Page - Texas Instruments PCM1822 Datasheet HTML 5Page - Texas Instruments PCM1822 Datasheet HTML 6Page - Texas Instruments PCM1822 Datasheet HTML 7Page - Texas Instruments PCM1822 Datasheet HTML 8Page - Texas Instruments PCM1822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
1 Features
• Stereo high-performance ADC:
– 2-channel analog microphones or line-in
• ADC line and microphone differential and single-
ended input performance:
– PCM1822 dynamic range:
• 117-dB, dynamic range enhancer enabled
• 111-dB, dynamic range enhancer disabled
– THD+N: –95 dB
• 1-VRMS full-scale input
• ADC sample rate (fS) = 8 kHz to 192 kHz
• Hardware pin control configurations
• Linear-phase or low-latency filter selection
• Flexible audio serial data interface:
– Master or slave interface selection
– 32-bits, 2-channel TDM
– 32-bits, 2-channel I2S
• Automatic power-down upon loss of audio clocks
• Integrated high-performance audio PLL
• Single-supply operation: 3.3 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 3.3-V AVDD supply:
– 19.6 mW/channel at 16-kHz sample rate
– 21.3 mW/channel at 48-kHz sample rate
2 Applications
• Smart Speakers
• DVD recorders and players
• AV receivers
• Video conference systems
• IP network cameras
3 Description
The PCM1822 is a high-performance, Burr-Brown
audio analog-to-digital converter (ADC) that supports
simultaneous sampling of up to two analog channels.
The device supports single-ended and differential line
and microphone inputs with a 1-VRMS full-scale signal.
The device integrates a phase-locked loop (PLL),
a DC removal high-pass filter (HPF), and supports
sample rates up to 192 kHz. The device supports
time-division multiplexing (TDM) or I2S audio formats,
selectable with the hardware pin level. Additionally,
the PCM1822 supports master and slave mode
selection for the audio bus interface operation. These
integrated high-performance features, along with the
ability to be powered from a single supply of 3.3
V, make the device an excellent choice for cost-
sensitive, space-constrained audio systems in far-field
microphone recording applications.
The PCM1822 is specified from –40°C to +125°C, and
is offered in a 20-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM1822
WQFN (20)
3.00 mm × 3.00 mm with
0.5-mm pitch
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
Channel-1
Digital
Decimation
Filters
with High Pass
Filter (HPF)
Audio Serial
Interface
(TDM, I2S)
BCLK
FSYNC
SDOUT
IN1M
IN1P
IN2M
IN2P
ADC
Channel-2
Regulators, Current Bias
and Voltage Reference
Clock and Timing
Controller with
Integrated PLL
Simplified Block Diagram
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1822 TI-PCM1822 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 123P
PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 123P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results

Similar Description - PCM1822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com