Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1822 Datasheet HTML 3Page - Texas Instruments PCM1822 Datasheet HTML 4Page - Texas Instruments PCM1822 Datasheet HTML 5Page - Texas Instruments PCM1822 Datasheet HTML 6Page - Texas Instruments PCM1822 Datasheet HTML 7Page - Texas Instruments PCM1822 Datasheet HTML 8Page - Texas Instruments PCM1822 Datasheet HTML 9Page - Texas Instruments PCM1822 Datasheet HTML 10Page - Texas Instruments PCM1822 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low-level digital input logic
voltage threshold
All digital pins except FMT0, IOVDD 1.8-V operation
–0.3
0.30 ×
IOVDD
V
All digital pins except FMT0, IOVDD 3.3-V operation
–0.3
0.8
FMT0 Pin
–0.3
0.8
V
VIH
High-level digital input logic
voltage threshold
All digital pins except FMT0, IOVDD 1.8-V operation
0.7 × IOVDD
IOVDD + 0.3
V
All digital pins except FMT0, IOVDD 3.3-V operation
2.1
IOVDD + 0.3
FMT0 Pin
2.1
AVDD + 0.3
V
VOL
Low-level digital output
voltage
All digital pins, IOL = –2 mA, IOVDD 1.8-V operation
0.45
V
All digital pins, IOL = –2 mA, IOVDD 3.3-V operation
0.4
VOH
High-level digital output
voltage
All digital pins, IOH = 2 mA, IOVDD 1.8-V operation
IOVDD –
0.45
V
All digital pins, IOH = 2 mA, IOVDD 3.3-V operation
2.4
IIH
Input logic-high leakage for
digital inputs
All digital pins, input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins, input = 0 V
–5
0.1
5
µA
CIN
Input capacitance for digital
inputs
All digital pins
5
pF
RPD
Pulldown resistance for
digital I/O pins when
asserted on
20
kΩ
TYPICAL SUPPLY CURRENT CONSUMPTION
IAVDD
Current consumption with
all Clocks disabled
AVDD = 3.3 V, internal AREG
0.5
mA
IIOVDD
All external clocks stopped, IOVDD = 3.3 V
0.5
µA
IIOVDD
All external clocks stopped, IOVDD = 1.8 V
0.3
IAVDD
Current consumption with
ADC 2-channel operating
at fS 16-kHz, BCLK = 256
× fS and DRE disabled
AVDD = 3.3 V, internal AREG
11.9
mA
IIOVDD
IOVDD = 3.3 V
0.05
IIOVDD
IOVDD = 1.8 V
0.02
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, BCLK = 256
× fS and DRE disabled
AVDD = 3.3 V, internal AREG
12.9
mA
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, BCLK = 256
× fS and DRE enabled
AVDD = 3.3 V, internal AREG
14
mA
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the AC signal input shorted to ground, measured
A-weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with a 20-kHz, low-pass filter and, where noted, an A-weighted filter. Failure to use such a filter
may result in higher THD and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
For best distortion performance, use input AC-coupling capacitors with a low-voltage-coefficient.
(4)
Gain drift =gain_variation(in temperature range)/ typical gain value(gain at room temperature) / temperature range × 106 measured
with gain in linear scale.
(5)
Phase drift =phase_deviation(in temperature range)/ (temperature range).
7.6 Timing Requirements: TDM or I2S Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted)
MIN
NOM
MAX
UNIT
t(BCLK)
BCLK period
40
ns
tH(BCLK)
BCLK high pulse duration (1)
25
ns
tL(BCLK)
BCLK low pulse duration (1)
25
ns
tSU(FSYNC)
FSYNC setup time
8
ns
tHLD(FSYNC)
FSYNC hold time
8
ns
tr(BCLK)
BCLK rise time
10% - 90% rise time(2)
10
ns
www.ti.com
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com