Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1822 Datasheet HTML 18Page - Texas Instruments PCM1822 Datasheet HTML 19Page - Texas Instruments PCM1822 Datasheet HTML 20Page - Texas Instruments PCM1822 Datasheet HTML 21Page - Texas Instruments PCM1822 Datasheet HTML 22Page - Texas Instruments PCM1822 Datasheet HTML 23Page - Texas Instruments PCM1822 Datasheet HTML 24Page - Texas Instruments PCM1822 Datasheet HTML 25Page - Texas Instruments PCM1822 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
8.3.6.2.1.6 Sampling Rate: 96 kHz or 88.2 kHz
Figure 8-19 and Figure 8-20 respectively show the magnitude response and the pass-band ripple for a
decimation filter with a sampling rate of 96 kHz or 88.2 kHz. Table 8-13 lists the specifications for a decimation
filter with an 96-kHz or 88.2-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 8-19. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 8-20. Linear Phase Decimation Filter Pass-
Band Ripple
Table 8-13. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
73.6
dB
Frequency range is 4 × fS onwards
97.9
Group delay or latency
Frequency range is 0 to 0.454 × fS
17.1
1/fS
8.3.6.2.1.7 Sampling Rate: 192 kHz or 176.4 kHz
Figure 8-21 and Figure 8-22 respectively show the magnitude response and the pass-band ripple for a
decimation filter with a sampling rate of 192 kHz or 176.4 kHz. Table 8-14 lists the specifications for a decimation
filter with an 192-kHz or 176.4-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 8-21. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 8-22. Linear Phase Decimation Filter Pass-
Band Ripple
Table 8-14. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.3 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.473 × fS to 4 × fS
70.0
dB
Frequency range is 4 × fS onwards
111.0
Group delay or latency
Frequency range is 0 to 0.3 × fS
11.9
1/fS
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com