Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1822 Datasheet HTML 4Page - Texas Instruments PCM1822 Datasheet HTML 5Page - Texas Instruments PCM1822 Datasheet HTML 6Page - Texas Instruments PCM1822 Datasheet HTML 7Page - Texas Instruments PCM1822 Datasheet HTML 8Page - Texas Instruments PCM1822 Datasheet HTML 9Page - Texas Instruments PCM1822 Datasheet HTML 10Page - Texas Instruments PCM1822 Datasheet HTML 11Page - Texas Instruments PCM1822 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted)
MIN
NOM
MAX
UNIT
tf(BCLK)
BCLK fall time
90% - 10% fall time(2)
10
ns
(1)
The BCLK minimum high or low pulse duration can be relaxed to 14 ns (to meet the timing specifications), if the SDOUT data line is
latched on the same BCLK edge polarity as the edge used by the device to transmit SDOUT data.
(2)
BCLK maximum rise and fall time can be relaxed to 13ns if BCLK frequency used in the system is below 20MHz. This can cause noise
increase due to higher clock jitter.
7.7 Switching Characteristics: TDM or I2S Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(SDOUT-BCLK)
BCLK to SDOUT delay
50% of BCLK to 50% of SDOUT
3
18
ns
td(SDOUT-FSYNC)
FSYNC to SDOUT delay in
TDM mode (for MSB data with
TX_OFFSET = 0)
50% of FSYNC to 50% of
SDOUT
18
ns
f(BCLK)
BCLK output clock frequency:
master mode (1)
24.576
MHz
tH(BCLK)
BCLK high pulse duration: master
mode
14
ns
tL(BCLK)
BCLK low pulse duration: master
mode
14
ns
td(FSYNC)
BCLK to FSYNC delay: master
mode
50% of BCLK to 50% of FSYNC
3
18
ns
tr(BCLK)
BCLK rise time: master mode
10% - 90% rise time
8
ns
tf(BCLK)
BCLK fall time: master mode
90% - 10% fall time
8
ns
(1)
The BCLK output clock frequency must be lower than 18.5 MHz (to meet the timing specifications), if the SDOUT data line is latched
on the opposite BCLK edge polarity than the edge used by the device to transmit SDOUT data.
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com