Electronic Components Datasheet Search
  English  ▼

X  

PCM1822 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1822
Description  PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1822 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1822 Datasheet HTML 24Page - Texas Instruments PCM1822 Datasheet HTML 25Page - Texas Instruments PCM1822 Datasheet HTML 26Page - Texas Instruments PCM1822 Datasheet HTML 27Page - Texas Instruments PCM1822 Datasheet HTML 28Page - Texas Instruments PCM1822 Datasheet HTML 29Page - Texas Instruments PCM1822 Datasheet HTML 30Page - Texas Instruments PCM1822 Datasheet HTML 31Page - Texas Instruments PCM1822 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The PCM1822 is a multichannel, high-performance audio analog-to-digital converter (ADC) that supports output
sample rates of up to 192 kHz. The device supports up to two analog microphones for simultaneous recording
applications.
The PCM1822 configuration is supported using various hardware pin control options. The device supports a
highly flexible, audio serial interface (TDM and I2S) to transmit audio data seamlessly in the system across
devices.
9.2 Typical Application
Figure 9-1 shows a typical configuration of the PCM1822 for an application using stereo analog microelectrical-
mechanical system (MEMS) microphones for simultaneous recording operation with a time-division multiplexing
(TDM) audio data slave interface. For best distortion performance, use input AC-coupling capacitors with a
low-voltage coefficient.
1 F
1 F
1 F
1 F
3.3 V (3.0 V to 3.6 V)
OR
1.8 V (1.65 V to 1.95 V)
3.3 V
(3.0 V to 3.6 V)
PCM1822
IN1P
IN1M
GND
GND
GND
1 F
0.1 F
GND
10 F
1 F
DREG
10 F
GND
0.1 F
IN2P
IN2M
Host
Processor
IOVDD
GND
Thermal Pad
(VSS)
GND
10 F
AMIC1
OUTP
OUTM
VDD
VSS
AMIC2
OUTP
OUTM
VDD
VSS
GND
0.1 F
0.1 F
0.1 F
0.1 F
LOW or HIGH Pin
Selector
Figure 9-1. Two-Channel Analog Microphone Recording Diagram for 3.3-V AVDD Operation
PCM1822
SBASAK0 – DECEMBER 2020 – REVISED MAY 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com