Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UT2306 Datasheet HTML 2Page - Unisonic Technologies UT2306 Datasheet HTML 3Page - Unisonic Technologies UT2306 Datasheet HTML 4Page - Unisonic Technologies UT2306 Datasheet HTML 5Page - Unisonic Technologies UT2306 Datasheet HTML 6Page - Unisonic Technologies UT2306 Datasheet HTML 7Page - Unisonic Technologies UT2306 Datasheet HTML 8Page - Unisonic Technologies UT2306 Datasheet HTML 9Page - Unisonic Technologies UT2306 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R103-029,A
2
4
3
5
6
7
TIMERS
6μs ON
1.5μs OFF
1.5V
UNDERVOLTA
GELOCKOUT
+
-
-
+
A1
A2
+
-
ENABLE
DRIVER
GND
ILIM
SHDN
SHUTDOWN
1.24V
VREF
Q2
×
1
Q1
×
200
1K
Q3
BIAS
-1V
R2
36mV
R1
7.2Ω
VIN
SW
LBO
LBI
A3
1.17V
R4
OFF
1K
1
8
590 K
R3
R 4 =35 5 K (UT 230 6-3 . 3V )
R 4 =19 5 K (UT 230 6-5 . 0V )
OPERATION
The UT2306 operation can best be understood by examining the block diagram in Figure 1.Comparator A1monitors
the output voltage via resistor divider string R3/R4 at the FB pin. When VFB is higher than the 1.24V reference,A2
and the timers are turned off. Only the reference, A1 and A3 consume current, typically 120µA.As VFB drops below
1.24V plus A1’s hysteresis (about 6mV),A1 enables the rest of the circuit. Power switch Q1 is then cycled on for 6µs,
or until current comparator A2 turns off the ON timer, Whichever comes first. Off-time is fixed at approximately 1.5µs.
Q1’s switching cause current to alternately build up in inductor L1 and discharge into output capacitor C2 via D1,
increasing the output voltage .As VFB increases enough to overcome C1’s hysteresis, switching action ceases. C2 is
left to supply current to the load until VOUT decreases enough to force A1’s output high, and the entire cycle repeats.
If switch current reaches 1A,causing A2 to trip, switch ON time is reduced. This allows continuous mode operation
during bursts.A2 monitors the voltage across 7.2Ωresistor R1,which is directly related to the switch current.Q2’s
collector current is set by the emitter-area ratio to 0.5% of Q1’s collector current. R1’s voltage drop exceeds
36mV,corresponding to 1A switch current,A2’s output goes high ,truncating the ON time part of the switch cycle. The
1A peak current can be reduced by tying a resistor between the ILIM pin and ground, causing a voltage drop to
appear across R2.The drop offsets some of the 36mV reference voltage, lowering peak current. A 22K resistor limits
current to approximately 550mA.A capacitor connected between ILIM and ground provides soft start. Shutdown is
accomplished by grounding the SHDN pin.
The low-battery detector A3 has its own 1.17V reference and is always on. The open collector output device can sink
up to 500µA.Approximately 35mV of hysteresis is built into A3 to reduce ”buzzing” as the battery voltage reaches the
trip level.
INDUCTOR SELECTION
Inductors used with the UT2306 must be capable of handling the worst-case peak switch current of 1.2A
without saturating. Open flux rod or drum core units may be biased into saturation by 20% with only a small
reduction in efficiency. For the majority of 2-cell or 3-cell input UT2306 applications, a 22
µH or 20µH inductor such
as the Sumida CD54-220 (drum) or Coiltronics CTX20-1 (toroid) will suffice. If switch current is reduced using the
ILIM pin, smaller inductors such as the Sumida CD43 series or Coilcraft DO1608 series can be used. Minimizing
Figure 2. UT2306-3.3/UT2306-5.0 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com