Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 17 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 17 Page - Unisonic Technologies

Back Button UT2306 Datasheet HTML 11Page - Unisonic Technologies UT2306 Datasheet HTML 12Page - Unisonic Technologies UT2306 Datasheet HTML 13Page - Unisonic Technologies UT2306 Datasheet HTML 14Page - Unisonic Technologies UT2306 Datasheet HTML 15Page - Unisonic Technologies UT2306 Datasheet HTML 16Page - Unisonic Technologies UT2306 Datasheet HTML 17Page - Unisonic Technologies UT2306 Datasheet HTML 18Page - Unisonic Technologies UT2306 Datasheet HTML 19Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
17
QW-R103-029,A
VIN
SW
FB
ILIM
GND
47μF
2-to 4-Cell to 1kV Step-Up Converter
VIN
2V TO 6V
SHUTDOWN
SHDN
NC
+
1
3
4
6
R2
620K
0.1μF
VOUT
1kV
250μA
R1
500M
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
VOUT =1.24V(1+
)
R2
R1
UT2306
MBR0530
T1
DANGE
RI HIGH
VOLTA
GE
+
VIN
SW
SENSE
ILIM
SHDN
GND
47μF
5V
100mA
L1
22μH
UT2306-5.0
220μF
+
MBRS130L
SHUTDOWN
NC
2- TO 4- Cell to 5V Converter with Output Disconnect
VIN
2V TO 6V
2K
22μF
+
ZTX788B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com