Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UT2306 Datasheet HTML 3Page - Unisonic Technologies UT2306 Datasheet HTML 4Page - Unisonic Technologies UT2306 Datasheet HTML 5Page - Unisonic Technologies UT2306 Datasheet HTML 6Page - Unisonic Technologies UT2306 Datasheet HTML 7Page - Unisonic Technologies UT2306 Datasheet HTML 8Page - Unisonic Technologies UT2306 Datasheet HTML 9Page - Unisonic Technologies UT2306 Datasheet HTML 10Page - Unisonic Technologies UT2306 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R103-029,A
DCR is important for best efficiency. Ideally, the inductor DCR should be less than 0.05W, although the physical size
of such an inductor makes its use prohibitive in many space conscious applications. If EMI is a concern, such as
when sensitive analog circuitry is present, a toroidal inductor such as the Coiltronics CTX20-1 is suggested.
A special case exists where the VOUT/VIN differential is high, such as a 2V to 12V boost converter. If the required
duty cycle for continuous mode operation is higher than the UT2306 can provide, the converter must be designed
for discontinuous operation. This means that the inductor current decreases to zero during the switch OFF time. For
a simple step-up (boost) converter, duty cycle can be calculated by the following formula:
DC = 1 – [(VIN – VSAT)/(VOUT + VD)]
where,
VIN = Minimum input voltage
VSAT = Switch saturation voltage (0.3V)
VOUT = Output voltage
VD = Diode forward voltage (0.4V)
If the calculated duty cycle exceeds the minimum UT2306 duty cycle of 76%, the converter should be designed for
discontinuous mode operation. The inductance must be low enough so that current in the inductor reaches the
peak current in a single cycle. Inductor value can be calculated by:
L = (VIN – VSAT)(tON/1A)
where,
tON = Minimum on-time of UT2306 (4µs)
One advantage of discontinuous mode operation is that inductor values are usually quite low so very small units
can be used. Ripple current is higher than with continuous mode designs and efficiency will be somewhat less.
Capacitor Selection
Low ESR (Equivalent Series Resistance) capacitors should be used at the output of the UT2306 to minimize output
ripple voltage. High quality input bypassing is also required. For surface mount applications AVX TPS series
tantalum capacitors are recommended. These have been specifically designed for switch mode power supplies and
have low ESR along with high surge current ratings. A 100
µF, 10V AVX TPS surface mount capacitor typically
limits output ripple voltage to 70mV when stepping up from 2V to 5V at a 200mA load. For through hole applications
Sanyo OS-CON capacitors offer extremely low ESR in a small package size. Again, if peak switch current is
reduced using the ILIM pin, capacitor requirements can be eased and smaller, higher ESR units can be used.
Diode Selection
Best performance is obtained with a Schottky rectifier such as the 1N5818. Motorola makes the MBRS130L
Schottky which is slightly better than the 1N5818 and comes in a surface mount package. For lower switch
currents, the MBR0530 is recommended. It comes in a very small SOD-123 package. Multiple 1N4148s in parallel
can be used in a pinch, although efficiency will suffer.
ILIM Function
The UT2306’s current limit (ILIM) pin can be used for soft start. Upon start-up, the UT2306 will draw maximum
current (about 1A) from the supply to charge the output capacitor. Figure 3 shows VOUT and VIN waveforms as the
device is turned on. The high current flow can create IR drops along supply and ground lines or cause the input
supply to drop out momentarily. By adding R1 and C1 as shown in Figure 4, the switch current is initially limited to
well under 1A as detailed in Figure 5. Current flowing into C1 from R1 and the ILIM pin will eventually charge C1 and
R1 effectively takes C1 out of the circuit. R1 also provides a discharge path for C1 when SHUTDOWN is brought low
for turn-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com