Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UT2306 Datasheet HTML 8Page - Unisonic Technologies UT2306 Datasheet HTML 9Page - Unisonic Technologies UT2306 Datasheet HTML 10Page - Unisonic Technologies UT2306 Datasheet HTML 11Page - Unisonic Technologies UT2306 Datasheet HTML 12Page - Unisonic Technologies UT2306 Datasheet HTML 13Page - Unisonic Technologies UT2306 Datasheet HTML 14Page - Unisonic Technologies UT2306 Datasheet HTML 15Page - Unisonic Technologies UT2306 Datasheet HTML 16Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
12
QW-R103-029,A
6
LOAD CURRENT(mA)
10
100
5
4
0
1
200
Figure 11. Output Wall Hours vs Load Current.
Note Rapid Fall-Off at Higher Discharge Rates
3
2
1
Figure 11’s graph varies significantly from electrical efficiency plot pictured on the first page of this data sheet.
Why? As more current is drawn from the battery, voltage drop across the cells’ internal impedance increases. This
causes internal power loss (heating), reducing cell terminal voltage. Since the regulator input acts as a negative
resistance, more current is drawn from the battery as the terminal voltage decreases. This positive feedback action
compounds the problem.
Figure 12 shows overall energy conversion efficiency, assuming availability of 6.5WH of battery energy. This
efficiency approximates the electrical efficiency at load current levels from 1mA to 10mA, but drops severely at
load currents above 10mA (load power above 50mW). The moral of the story is this: if your system needs 5V at
more than 40mA to 50mA, consider using a NiCd battery (1/10 the internal impedance) instead of a AA cell alkaline
battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com