Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UT2306 Datasheet HTML 9Page - Unisonic Technologies UT2306 Datasheet HTML 10Page - Unisonic Technologies UT2306 Datasheet HTML 11Page - Unisonic Technologies UT2306 Datasheet HTML 12Page - Unisonic Technologies UT2306 Datasheet HTML 13Page - Unisonic Technologies UT2306 Datasheet HTML 14Page - Unisonic Technologies UT2306 Datasheet HTML 15Page - Unisonic Technologies UT2306 Datasheet HTML 16Page - Unisonic Technologies UT2306 Datasheet HTML 17Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
13
QW-R103-029,A
100
LOAD CURRENT(mA)
10
100
90
30
0
1
200
Figure 12. Overall System Efficiency Including Battery Efficiency
vs Load Current.Internal lmpedance of Alkaline AA Cells
Accounts for Rapid Drop in Efficiency at Higher Load Current
20
40
50
60
70
80
10
TYPICAL CHARACTERISTICS
+
+
200K
VIN
SW
LBO
LBI
FB
ILIM
SHDN
GND
47K
47K
22K
IQ~10 μA
100μF
220μF
5V
100mA
2 CELLS
0.0
1
μ
F
3.83M
1%
1.21M
33 μH
2N3906
MBR0530
~
UT2306
90
Load Current (m)
Super Burst Efficiency
0.1
1.0
10
100
VIN=3V
0.01
80
70
60
50
40
VIN=2V
Super Burst Low IQ DC/DC Converter
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com