Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2306
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2306 Datasheet HTML 1Page - Unisonic Technologies UT2306 Datasheet HTML 2Page - Unisonic Technologies UT2306 Datasheet HTML 3Page - Unisonic Technologies UT2306 Datasheet HTML 4Page - Unisonic Technologies UT2306 Datasheet HTML 5Page - Unisonic Technologies UT2306 Datasheet HTML 6Page - Unisonic Technologies UT2306 Datasheet HTML 7Page - Unisonic Technologies UT2306 Datasheet HTML 8Page - Unisonic Technologies UT2306 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-029,A
MICROPOWER DC/DC
CONVERTERS WITH
LOW-BATTERY DETECTOR
ACTIVE IN SHUTDOWN
DESCRIPTION
The UTC UT2306 is a micropower step-up DC/DC
converter ideal for use in small, low voltage,
battery-operated systems. The devices operate from a
wide input supply range of 1.5V to 8V.
The UTC UT2306-3.3 and UT2306-5.0 generate
regulated outputs of 3.3V and 5V and the adjustable
UT2306
can
deliver
output
voltages
up
to
25V.Quiescent current,120 μ A
in active mode,
decreases to just 10 μ A in shutdown with the
low-battery detector still active. Peak switch current,
internally set at 1A,can be reduced by adding a single
resistor from the ILIM pin to ground. The high speed
operation of the UTC UT2306 allows the use of small,
surface-mountable inductors and capacitors.
FEATURES
*5V at 200mA from two cells.
*10μA quiescent current in shutdown.
*Operates with VIN as low as1.5V
*Low battery detector active in shutdown
*Low switch VCESAT:370mV at 1A typical.
*120μA quiescent current in active mode.
*Switching frequency up to 300kHz
*Programmable peak current with one resistor.
.
DIP-8
SOP-8
*Pb-free plating product number:
UT2306L/UT2306L-3.3V/UT2306L-5.0V
APPLICATIONS
*2-,3-,or 4-cell to 5V or 3.3V step-up
*Portable instruments
*Bar code scanners
*Palmtop computers
*Diagnostic medical instrumentation.
*Personal data communicators/computers.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
LBI
SW
VIN
LBO
GND
ILI M
SHDN
FB(SENSE)*


Similar Part No. - UT2306

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2306 UTC-UT2306 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT2306 UTC-UT2306 Datasheet
242Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT2306G-AE2-R UTC-UT2306G-AE2-R Datasheet
242Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT2306G-AE2-R UTC-UT2306G-AE2-R Datasheet
267Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT2306G-AE3-R UTC-UT2306G-AE3-R Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT2306

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com