Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 4 Page - Texas Instruments

  ADC3544 Datasheet HTML 1Page - Texas Instruments ADC3544 Datasheet HTML 2Page - Texas Instruments ADC3544 Datasheet HTML 3Page - Texas Instruments ADC3544 Datasheet HTML 4Page - Texas Instruments ADC3544 Datasheet HTML 5Page - Texas Instruments ADC3544 Datasheet HTML 6Page - Texas Instruments ADC3544 Datasheet HTML 7Page - Texas Instruments ADC3544 Datasheet HTML 8Page - Texas Instruments ADC3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
Table 5-1. Pin Descriptions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DIGITAL INTERFACE
DCLK
26
O
CMOS output for data bit clock.
D0
38
O
SDR CMOS output used with 18 bit output (configured via output bit formatter). This
becomes the LSB. When not used it can be left unconnected.
See Section 8.3.5.4 and Section 8.3.5.5 on how to change the output resolution and output
bit mapping.
D1
37
O
SDR CMOS output used with 16 bit output (configured via output bit formatter). This
becomes the LSB. When not used it can be left unconnected.
D2
36
O
SDR CMOS output for data bit D0 (14 bit LSB).
D3/
DCLKIN
35
I/O
SDR CMOS output for data bit D1. Used as DCLKIN for serial CMOS output modes.
D4
34
O
SDR CMOS output for data bit D2.
D5
33
O
SDR CMOS output for data bit D3.
D6
32
O
SDR CMOS output for data bit D4.
D7
30
O
SDR CMOS output for data bit D5.
D8
29
O
SDR CMOS output for data bit D6.
D9
28
O
SDR CMOS output for data bit D7.
D10
27
O
SDR CMOS output for data bit D8.
D11/ Serial
Lane 0
24
O
SDR CMOS output for data bit D9. DDR CMOS output for data bits D6/D13 (MSB). Lane 0
in serial CMOS output mode.
D12/
Serial Lane 1
23
O
SDR CMOS output for data bit D10. DDR CMOS output for data bits D5/D12. Lane 1 in
serial CMOS output mode.
D13
22
O
SDR CMOS output for data bit D11.
DDR CMOS output for data bits D4/D11.
D14
21
O
SDR CMOS output for data bit D12.
DDR CMOS output for data bits D3/D10.
D15
20
O
CMOS output for data bit D13 (MSB).
DDR CMOS output for data bits D2/D9.
D16/ FCLK
19
O
SDR CMOS output used with 16 bit output (configured via output bit formatter). This
becomes the MSB. When not used it can be left unconnected.
DDR CMOS output for data bits D1/D8. Frame clock output in serial CMOS output mode.
D17
18
O
SDR CMOS output used with 18 bit output (configured via output bit formatter). This
becomes the MSB. When not used it can be left unconnected.
DDR CMOS output for data bits D0/D7 (LSB).
POWER SUPPLY
AVDD
5,8,11,16
I
Analog 1.8-V power supply
GND
12,15
I
Ground, 0 V
IOGND
25
I
Ground, 0 V for digital interface
IOVDD
31
I
1.8-V power supply for digital interface
PowerPAD™
--
--
Connect to ground.
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com