Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC3544 Datasheet HTML 38Page - Texas Instruments ADC3544 Datasheet HTML 39Page - Texas Instruments ADC3544 Datasheet HTML 40Page - Texas Instruments ADC3544 Datasheet HTML 41Page - Texas Instruments ADC3544 Datasheet HTML 42Page - Texas Instruments ADC3544 Datasheet HTML 43Page - Texas Instruments ADC3544 Datasheet HTML 44Page - Texas Instruments ADC3544 Datasheet HTML 45Page - Texas Instruments ADC3544 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
8.3.4.6 Output Formatting with Decimation
8.3.4.6.1 Parallel CMOS
In parallel CMOS mode, the ADC354x device supports complex decimation output with DDR CMOS interface
and real output with SDR and DDR CMOS interface as shown in Figure 8-36 (complex decimation) and Figure
8-37 (real decimation). In this illustration the output format is selected to 16-bit.
D16..1
DCLK
DCLK
Sample
NI
Sample
NQ
D16
(MSB)
D15
D3
D2
D1
Figure 8-36. Output Data Format in Complex Decimation (default bit mapper)
Table 8-4 illustrates the output interface data rate along with the corresponding DCLK frequency based on
complex decimation setting (N).
Furthermore the table shows an actual lane rate example with complex decimation by 4.
Table 8-4. Parallel CMOS Data Rate Examples with Complex Decimation
REAL/COMPLEX
DECIMATION
DECIMATION
SETTING
ADC SAMPLING RATE
DCLK
DOUT (MHz)
Complex
N
FS
FS x 2 / N
FS x 4 / N
4
65 MHz
32.5 MHz
65 MHz
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com