Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3544 Datasheet HTML 9Page - Texas Instruments ADC3544 Datasheet HTML 10Page - Texas Instruments ADC3544 Datasheet HTML 11Page - Texas Instruments ADC3544 Datasheet HTML 12Page - Texas Instruments ADC3544 Datasheet HTML 13Page - Texas Instruments ADC3544 Datasheet HTML 14Page - Texas Instruments ADC3544 Datasheet HTML 15Page - Texas Instruments ADC3544 Datasheet HTML 16Page - Texas Instruments ADC3544 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
6.10 Timing Requirements (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, and –1-dBFS differential input,
unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Interface Timing - SDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
3
5
7
ns
tCD
DCLK rising edge to output data delay
Fout = 10 MSPS
-0.3
-0.2
ns
DCLK rising edge to output data delay
Fout = 25 MSPS
-0.3
-0.2
DCLK rising edge to output data delay
Fout = 65 MSPS
-0.3
-0.2
tDV
Data valid, SDR CMOS
Fout = 10 MSPS
99.9
99.9
ns
Data valid, SDR CMOS
Fout = 25 MSPS
39.9
39.9
Data valid, SDR CMOS
Fout = 65 MSPS
15.1
15.3
Interface Timing - DDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
3
5
7
ns
tCD
DCLK rising edge to output data delay
Fout = 10 MSPS
-0.3
-0.2
ns
DCLK rising edge to output data delay
Fout = 25 MSPS
-0.4
-0.2
DCLK rising edge to output data delay
Fout = 65 MSPS
-0.4
-0.2
tDV
Data valid, DDR CMOS
Fout = 10 MSPS
49.5
49.9
ns
Data valid, DDR CMOS
Fout = 25 MSPS
19.6
19.8
Data valid, DDR CMOS
Fout = 65 MSPS
7.4
7.5
Interface Timing - SERIAL CMOS
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Delay between sampling clock falling edge to
DCLKIN falling edge < 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 +
TDCLK
+
tCDCLK
3 +
TDCLK
+
tCDCLK
4 +
TDCLK
+
tCDCLK
ns
Delay between sampling clock falling edge to
DCLKIN falling edge >= 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 +
tCDCLK
3 +
tCDCLK
4 +
tCDCLK
tCD
DCLK rising edge to output data delay,
2-wire serial CMOS
Fout = 10 MSPS, D11/12 = 70 MBPS
0.04
0.18
ns
Fout = 25 MSPS, D11/12 = 175 MBPS
0.01
0.18
DCLK rising edge to output data delay,
1-wire serial CMOS
Fout = 10 MSPS, D11 = 140 MBPS
0.05
0.19
tDV
Data valid, 2-wire serial CMOS
Fout = 10 MSPS, D11/12 = 70 MBPS
13.4
13.8
ns
Fout = 25 MSPS, D11/12 = 175 MBPS
5.2
5.5
Data valid, 1-wire serial CMOS
Fout = 10 MSPS, D11 = 140 MBPS
6.2
6.8
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK) Serial clock frequency
20
MHz
tSU(SEN)
SEN to rising edge of SCLK
10
ns
tH(SEN)
SEN from rising edge of SCLK
9
tSU(SDIO)
SDIO to rising edge of SCLK
17
tH(SDIO)
SDIO from rising edge of SCLK
9
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
t(OZD)
SDIO tri-state to driven
3.9
10.8
ns
t(ODZ)
SDIO data to tri-state
3.4
14
t(OD)
SDIO valid from falling edge of SCLK
3.9
10.8
www.ti.com
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com