Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 69 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC3544 Datasheet HTML 65Page - Texas Instruments ADC3544 Datasheet HTML 66Page - Texas Instruments ADC3544 Datasheet HTML 67Page - Texas Instruments ADC3544 Datasheet HTML 68Page - Texas Instruments ADC3544 Datasheet HTML 69Page - Texas Instruments ADC3544 Datasheet HTML 70Page - Texas Instruments ADC3544 Datasheet HTML 71Page - Texas Instruments ADC3544 Datasheet HTML 72Page - Texas Instruments ADC3544 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Figure 8-72. Register 0x2A/2B/2C/2D
7
6
5
4
3
2
1
0
NCO A [7:0]
NCO A [15:8]
NCO A [23:16]
NCO A [31:24]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-39. Register 0x2A/2B/2C/2D Field Descriptions
Bit
Field
Type
Reset
Description
7-0
NCO A [31:0]
R/W
0
Sets the 32 bit NCO value for decimation filter channel A. The
NCO value is fNCO× 232/FS
In real decimation these registers are automatically set to 0.
Figure 8-73. Register 0x39...0x72
7
6
5
4
3
2
1
0
OUTPUT BIT MAPPER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-40. Register 0x39...0x72 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
OUTPUT BIT MAPPER
R/W
0
These registers are used to reorder the output data bus. See the
Section 8.3.5.5 on how to program it.
Figure 8-74. Register 0x8F
7
6
5
4
3
2
1
0
0
0
0
0
0
0
FORMAT A
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-41. Register 0x8F Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
R/W
0
Must write 0
1
FORMAT A
R/W
0
This bit sets the output data format for channel A. Digital bypass
register bit (0x24, D2) needs to be enabled as well.
0: 2s complement
1: Offset binary
0
0
R/W
0
Must write 0
www.ti.com
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com