Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 2 Page - Texas Instruments

  ADC3544 Datasheet HTML 1Page - Texas Instruments ADC3544 Datasheet HTML 2Page - Texas Instruments ADC3544 Datasheet HTML 3Page - Texas Instruments ADC3544 Datasheet HTML 4Page - Texas Instruments ADC3544 Datasheet HTML 5Page - Texas Instruments ADC3544 Datasheet HTML 6Page - Texas Instruments ADC3544 Datasheet HTML 7Page - Texas Instruments ADC3544 Datasheet HTML 8Page - Texas Instruments ADC3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics - Power Consumption......... 6
6.6 Electrical Characteristics - DC Specifications............. 7
6.7 Electrical Characteristics - AC Specifications
ADC3541.......................................................................9
6.8 Electrical Characteristics - AC Specifications
ADC3542.....................................................................10
6.9 Electrical Characteristics - AC Specifications
ADC3543..................................................................... 11
6.10 Timing Requirements..............................................12
6.11 Typical Characteristics: ADC3541...........................14
6.12 Typical Characteristics: ADC3542.......................... 17
6.13 Typical Characteristics: ADC3543.......................... 21
7 Parameter Measurement Information.......................... 26
8 Detailed Description......................................................28
8.1 Overview................................................................... 28
8.2 Functional Block Diagram......................................... 28
8.3 Feature Description...................................................29
8.4 Device Functional Modes..........................................53
8.5 Programming............................................................ 54
8.6 Register Map.............................................................56
9 Application Information Disclaimer............................. 70
9.1 Application Information............................................. 70
9.2 Typical Application.................................................... 70
9.3 Initialization Set Up................................................... 73
10 Power Supply Recommendations..............................74
11 Layout........................................................................... 76
11.1 Layout Guidelines................................................... 76
11.2 Layout Example...................................................... 76
12 Device and Documentation Support..........................77
12.1 Receiving Notification of Documentation Updates..77
12.2 Support Resources................................................. 77
12.3 Trademarks.............................................................77
12.4 Electrostatic Discharge Caution..............................77
12.5 Glossary..................................................................77
13 Mechanical, Packaging, and Orderable
Information.................................................................... 77
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2020) to Revision B (February 2022)
Page
• Changed the data sheet From: Advanced Information To: Production data....................................................... 1
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com