Electronic Components Datasheet Search
  English  ▼

X  

ADC3544 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC3544
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3544 Datasheet(HTML) 3 Page - Texas Instruments

  ADC3544 Datasheet HTML 1Page - Texas Instruments ADC3544 Datasheet HTML 2Page - Texas Instruments ADC3544 Datasheet HTML 3Page - Texas Instruments ADC3544 Datasheet HTML 4Page - Texas Instruments ADC3544 Datasheet HTML 5Page - Texas Instruments ADC3544 Datasheet HTML 6Page - Texas Instruments ADC3544 Datasheet HTML 7Page - Texas Instruments ADC3544 Datasheet HTML 8Page - Texas Instruments ADC3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
5 Pin Configuration and Functions
Figure 5-1. RSB Package, 40-Pin WQFN
(Top View)
Table 5-1. Pin Descriptions
PIN
I/O
DESCRIPTION
NAME
NO.
INPUT/REFERENCE
AINM
14
I
Negative analog input
AINP
13
I
Positive analog input
REFBUF
4
I
1.2-V external voltage reference input for use with internal reference buffer. Internal 100 kΩ
pull-up resistor to AVDD. This pin is also used to configure default operating conditions.
REFGND
3
I
Reference ground input, 0 V
VCM
9
O
Common-mode voltage output for the analog inputs, 0.95 V
VREF
2
I
External voltage reference input, 1.6 V.
CLOCK
CLKM
7
I
Negative differential sampling clock input for the ADC
CLKP
6
I
Positive differential sampling clock input for the ADC
CONFIGURATION
PDN/SYNC
1
I
Power down, synchronization input. This pin can be configured via the SPI interface. Active
high. This pin has an internal 21 kΩ pull-down resistor.
RESET
10
I
Hardware reset; active high. This pin has an internal 21 kΩ pull-down resistor.
SCLK
40
I
Serial interface clock input. This pin has an internal 21 kΩ pull-down resistor.
SDIO
39
I
Serial interface data input and output. This pin has an internal 21 kΩ pull-down resistor.
SEN
17
I
Serial interface enable. Active low. This pin has an internal 21 kΩ pull-up resistor to AVDD.
www.ti.com
ADC3541, ADC3542
SBAS840B – JULY 2020 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3541 ADC3542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com