Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2201493 Datasheet HTML 1Page - PHOENIX CONTACT 2201493 Datasheet HTML 2Page - PHOENIX CONTACT 2201493 Datasheet HTML 3Page - PHOENIX CONTACT 2201493 Datasheet HTML 4Page - PHOENIX CONTACT 2201493 Datasheet HTML 5Page - PHOENIX CONTACT 2201493 Datasheet HTML 6Page - PHOENIX CONTACT 2201493 Datasheet HTML 7Page - PHOENIX CONTACT 2201493 Datasheet HTML 8Page - PHOENIX CONTACT 2201493 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
3
2
Ordering data
Housing
DESCRIPTION
Type
Order no.
Pcs. / pack
Housing base, suitable for 50/40 bus connector, color: light gray
ME PLC 40 B BUS 50/40 GY7035
2201500
10
Housing base, suitable for 10/10 bus connector, color: light gray
ME PLC 40 B BUS 10/10 GY7035
2201499
10
Universal cover, long design, color: light gray
ME PLC 40 CL GY7035
2201505
10
Connection technology carrier, fully assembled with FKCN 2 x 10-pos.,
cover and release lever, incl. fitted cover
Matching PCB plug-in connector: 1 x CCDN 2.5/10-G1 P26 THR (1734355)
ME PLC 40 CT20 GY7035
2201493
10
Connection technology carrier, fully assembled with FKCN 2 x 18-pos.,
cover and release lever, incl. fitted cover
Matching PCB plug-in connector: 1 x CCDN 2.5/18-G1 P26 THR (1734436)
ME PLC 40 CT36 GY7035
2201494
10
Connection technology carrier, fully assembled with FKCN 1 x 10-pos.,
cover and release lever, incl. fitted cover
Matching PCB plug-in connector: MSTBA 2.5/10-G (1757543)
ME PLC 40 CT10 GY7035
2201492
10
Connection technology carrier for RJ45 connection, pre-assembled with
cover and release lever; incl. fitted cover and 2 x RJ45 connector plugs
ME PLC 40 CTRJ45 GY7035
2201495
10
Accessories
DESCRIPTION
Type
Order no.
Pcs. / pack
Cover, short design, color: light gray
ME PLC 40 CS GY7035
2201490
10
Cover, short design, color: transparent
ME PLC 40 CS TRANS
2201491
10
Fitted plate, for assembly underneath the cover in short design
(ME PLC 40 CS...), color: light gray
ME PLC 40 PL S GY7035
2201497
10
Matrix with defined engagement mechanism, for assembly underneath the
cover in short design (ME PLC 40 CS...), color: black
ME PLC 40 MT S BK
2201496
10
Bus connector kit consisting of 50-pos. and 40-pos. plug-in connectors,
plastic upper part and base, plus metal clamps for mounting the DIN rail, PCB
not included
ME PLC 40 BUS 50/40 KIT BK
2201502
10
Bus connector kit consisting of 2 x 10-pos. plug-in connectors, plastic upper
part and base, plus metal clamp for mounting the DIN rail, PCB not included
ME PLC 40 BUS 10/10 KIT BK
2201503
10
End brackets for DIN rail mounting, incl. mounting screws
ME PLC EBT GY7035
2201498
10
DIN rail, unperforated, 105 x 20 mm, galvanized and thick layer passivated,
cut to customer-specific length (between 40 mm and 2000 mm)
Specify length in [mm] according to order key: quantity / order no. / length (e.g.
for 1 x 40 mm long: 1 / 2201508 / 40)
NS 105/20 UNPERF
2201508
1
Coding set, for coding housing base and bus connector
Drop, color: red
Rectangle, color: red
Drop, color: green
Rectangle, color: green
COD PI 4 RD
COD PI 2 RD
COD PI 1 GN
COD PI 3 GN
2201618
2901877
2901864
2201617
100
100
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com