Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 2201493 Datasheet HTML 16Page - PHOENIX CONTACT 2201493 Datasheet HTML 17Page - PHOENIX CONTACT 2201493 Datasheet HTML 18Page - PHOENIX CONTACT 2201493 Datasheet HTML 19Page - PHOENIX CONTACT 2201493 Datasheet HTML 20Page - PHOENIX CONTACT 2201493 Datasheet HTML 21Page - PHOENIX CONTACT 2201493 Datasheet HTML 22Page - PHOENIX CONTACT 2201493 Datasheet HTML 23Page - PHOENIX CONTACT 2201493 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
20
6.1.8
40-pos. plug-in connector (B2) for contacting in the bus connector set 50/40
Figure 27
Dimensions B2, 40-pos.
Figure 28
Drilling diagram B2, 40-pos.
B2
Figure 29
Dimensional drawing of the PCB of the housing (2201500) with plug-in connector (B2)
1,27
24,13
5,6
17,46
10,17
12,07
3,81
3,81
6,16
35,33
31,53
29,67
22,86
22,86
6,87
2,54
5,6
1,9
2,54
Ø1
Ø2,6
31,53
1
Dimensions / Positions
Pitch
1.27 mm
No. of positions
40
Number of rows
4
Orientation
Perpendicular
Hole diameter
1.0 mm
Length of the solder pin
3.10 mm
Recommended thickness of the PCB
1.60 mm
Technical data
Current per connection
1 A, maximum
Voltage
250 V AC
Insulation material
LCP
Inflammability class in acc. with UL 94
V0
Color
black
Solder connection
Lead-free soldering process
Yes
166,8
31,7
36,51
79,4
8
R1,2
R1,2
35,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com