Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 2201493 Datasheet HTML 19Page - PHOENIX CONTACT 2201493 Datasheet HTML 20Page - PHOENIX CONTACT 2201493 Datasheet HTML 21Page - PHOENIX CONTACT 2201493 Datasheet HTML 22Page - PHOENIX CONTACT 2201493 Datasheet HTML 23Page - PHOENIX CONTACT 2201493 Datasheet HTML 24Page - PHOENIX CONTACT 2201493 Datasheet HTML 25Page - PHOENIX CONTACT 2201493 Datasheet HTML 26Page - PHOENIX CONTACT 2201493 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
23
6.2.5
10-pos. base strip (A1) for 10/10
Figure 33
Dimensions MC 1.5/10-G-3.81
Figure 34
Drilling diagram MC 1.5/10-G-3.81
MC 1.5/10-G-3.81,1803358
The precise location of the plug-in connectors on
the PCB can be found in Figure 32 on page 22.
a
a+5,2
2,6
3,81
18,7
9,2
8
a = 34.29 mm
a
3,81
2,6
a = 34.29 mm
Dimensions / Positions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
34.29 mm
No. of positions
10
Pin dimensions
0.8 x 0.8 mm
Hole diameter
1.2 mm
Technical data
Range of articles
MC 1.5/..-G
Insulation material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current I
N
8 A
Nominal voltage U
N
160 V
Maximum load current
8 A
Insulation material
PBT
Inflammability class in acc. with UL 94
V0
Color
green
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
8 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com