Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 2201493 Datasheet HTML 2Page - PHOENIX CONTACT 2201493 Datasheet HTML 3Page - PHOENIX CONTACT 2201493 Datasheet HTML 4Page - PHOENIX CONTACT 2201493 Datasheet HTML 5Page - PHOENIX CONTACT 2201493 Datasheet HTML 6Page - PHOENIX CONTACT 2201493 Datasheet HTML 7Page - PHOENIX CONTACT 2201493 Datasheet HTML 8Page - PHOENIX CONTACT 2201493 Datasheet HTML 9Page - PHOENIX CONTACT 2201493 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
6
5
Connection technology carrier
5.1
Connection of the conductors to the PCB plug-
in connector (push-in connection)
Figure 6
Push-in connection
1.5 mm² conductor cross section ... 2.5 mm², rigid or
with ferrule
•
Insert the stripped wire into the round opening of the ter-
minal block without using a tool.
Wires with a smaller cross section or stranded con-
ductors without ferrule
•
To release the spring, push in the orange pushbutton
with a screwdriver.
Dismantling
•
For release, push in the orange pushbutton with a
screwdriver.
5.2
Place the connection technology carrier on the
housing base
•
Swivel the red lever to the right.
•
Hook in the two engagement noses of the connection
technology carrier into the openings of the housing
base.
.
Figure 7
Snap in
Figure 8
Close
•
Swivel the lever back to the left.
The connection technology carrier slides into the hous-
ing.
If that does not go easily, check the seating of the en-
gagement noses.
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com