Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2201493 Datasheet HTML 6Page - PHOENIX CONTACT 2201493 Datasheet HTML 7Page - PHOENIX CONTACT 2201493 Datasheet HTML 8Page - PHOENIX CONTACT 2201493 Datasheet HTML 9Page - PHOENIX CONTACT 2201493 Datasheet HTML 10Page - PHOENIX CONTACT 2201493 Datasheet HTML 11Page - PHOENIX CONTACT 2201493 Datasheet HTML 12Page - PHOENIX CONTACT 2201493 Datasheet HTML 13Page - PHOENIX CONTACT 2201493 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ME PLC 40...
105504_en_01
PHOENIX CONTACT
10
5.4.2
PCB plug-in connector for CT20
To connect the connection technology carrier
ME PLC 40 CT20 with the PLC, you need the PCB plug-in
connector CCDN 2.5/10-G1 P26 THR.
Figure 12
Dimensions CCDN 2.5/10-G1 P26 THR
CCDN 2.5/10-G1 P26 THR, 1734355
17,6
10
5
3,9 5
a
a+7,8
a = 45 mm
Dimensions / Positions
Length
17.6 mm
Pitch
5 mm
Dimension a
45 mm
No. of positions
10
Pin dimensions
1 x 1
Hole diameter
1.6 mm
Technical data
Range of articles
CCDN 2.5/..-
G1-THR
Insulation material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
400 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current I
N
12 A
Nominal voltage U
N
320 V
Maximum load current
12 A
Insulation material
LCP
Inflammability class in acc. with UL 94
V0
Color
black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com